Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LB1424M501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9LB1424M501
Description  AC Fan 120 9AD type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9LB1424M501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9LB1424M501 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9LB1424M501 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
303
8-
φ4.3±0.3
4
±0.2
51
±0.8
6
±0.4
124.5
±0.5
140
±0.8
6
±0.4
4
±0.2
(10)
風吹出方向
回転方向
リード線
AWG24
UL1007
AWG22
UL1430
(型番:9LB1412S501のみ)
取付用穴
+30
300
0
4-
φ4.5
124.5
±0.3
124.5
±0.3
4-
φ4.5
138
138
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1][m³/min][CFM][Pa][inchH²O][dB(A)][℃]
[h]
9LB1412S501
12
10.2 to 13.8
2.7
32.4
4,200
8.1
286.2
240
0.96
57
20 to 70
60,000
9LB1412H501
1.25
15.0
3,100
5.9
208.5
130
0.52
49
100,000
9LB1412M501
0.46
5.52
2,050
3.9
138
63
0.25
39
9LB1424S501
24
20.4 to 27.6
1.38
33.12
4,200
8.1
286.2
240
0.96
57
60,000
9LB1424B501
0.97
23.3
3,700
7.1
251
186
0.75
55
9LB1424H501
0.60
14.4
3,100
5.9
208.5
130
0.52
49
100,000
9LB1424M501
0.22
5.28
2,050
3.9
138
63
0.25
39
9LB1448S501
48
40.8 to 55.2
0.71
34.08
4,200
8.1
286.2
240
0.96
57
60,000
9LB1448H501
0.27
12.96
3,100
5.9
208.5
130
0.52
49
100,000
9LB1448F501
0.18
8.6
2,550
4.8
169
91
0.37
44
9LB1448M501
0.12
5.76
2,050
3.9
138
63
0.25
39
Long Life Fan
38mm thick
51mm thick(LB type)
San Ace 140L
General Specifications
Material……………………Frame: Aluminum, Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specifications (L10:Survival rate: 90% at 60,
rated voltage, and continuously run in a free air state)
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
140×140×51mm
Mass610g
Inlet side
Outlet side
Reference dimension of mounting holes and vent openingUnit : mm
DimensionsUnit : mm
Specifications The following nos. have pulse sensors.
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
140mmsq.
LB type
(Model: 9LB1412S501)
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor
Low speed Sensor
Model no. 9LB1424B501, 9LB1448F501 is not certified.


Similar Part No. - 9LB1424M501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9LB1212H101 ETC2-9LB1212H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9LB1212M101 ETC2-9LB1212M101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9LB1224H101 ETC2-9LB1224H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9LB1224M101 ETC2-9LB1224M101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9LB1224S101 ETC2-9LB1224S101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
More results

Similar Description - 9LB1424M501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9TM48P4H01 ETC2-9TM48P4H01 Datasheet
182Kb / 2P
   AC Fan 120 9AD type
9HV1248P1G001 ETC2-9HV1248P1G001 Datasheet
165Kb / 2P
   AC Fan 120 9AD type
9GV1512H501 ETC2-9GV1512H501 Datasheet
114Kb / 2P
   AC Fan 120 9AD type
9LB1212H101 ETC2-9LB1212H101 Datasheet
132Kb / 2P
   AC Fan 120 9AD type
9WB1412S501 ETC2-9WB1412S501 Datasheet
111Kb / 2P
   AC Fan 120 9AD type
9G1212G101 ETC2-9G1212G101 Datasheet
154Kb / 4P
   AC Fan 120 9AD type
logo
SANYO DENKI CO., LTD.
9AD0901H12 SANYODENKI-9AD0901H12 Datasheet
226Kb / 4P
   ACDC Fan 92횞92횞38 mm San Ace 92AD 9AD type
9AD1201H12 SANYODENKI-9AD1201H12 Datasheet
199Kb / 4P
   ACDC Fan 120횞120횞38 mm San Ace 120AD 9AD type
logo
NTE Electronics
77-12025D12 NTE-77-12025D12 Datasheet
5Mb / 1P
   Fan, AC & DC Types, 120 x 120mm
logo
SANYO DENKI CO., LTD.
109S075UL SANYODENKI-109S075UL Datasheet
192Kb / 5P
   AC Fan 120횞120횞38 mm San Ace 120
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com