Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS500HTQFE0L20 Datasheet(PDF) 1 Page - Rohm

Part # PS500HTQFE0L20
Description  Ultra low ohmic Metal plate / High power type Shunt Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PS500HTQFE0L20 Datasheet(HTML) 1 Page - Rohm

  PS500HTQFE0L20 Datasheet HTML 1Page - Rohm PS500HTQFE0L20 Datasheet HTML 2Page - Rohm PS500HTQFE0L20 Datasheet HTML 3Page - Rohm PS500HTQFE0L20 Datasheet HTML 4Page - Rohm PS500HTQFE0L20 Datasheet HTML 5Page - Rohm PS500HTQFE0L20 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
Ultra low ohmic Metal plate / High power type
Shunt Resistors
PSR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.03 - Rev.A
Data Sheet
L
Material
Wt
Hb
PSR400
15
±0.3
7.75
±0.3
1.85
±0.15
1.30
±0.15
0.90
±0.15
1.15
±0.15
0.90
±0.15
1.85
±0.15
1.40
±0.15
1.15
±0.15
1.05
±0.15
1.35
±0.15
0.90
±0.15
4.0
±0.6
0.5
±0.1
PSR500
Cu / Mn
Ni / Cr
Cu / Mn
Ni / Cr
10
±0.3
5.2
±0.3
2.0
±0.6
0.5
±0.1
Part No.
(Unit : mm)
3921
5931
(mm)
(inch)
10
×5.2
15
×7.75
Resistance
0.3
0.5
1.0
2.0
3.0
0.2
0.3
0.4
0.5
1.0
2.0
Features
1) High power class up to 4 to 5W.
2) The lineup of ultra-low resistance value : correspondence from 0.2m
3) Excellent temperature coefficiency.
4) Ideal for current detection under high current circuit.
Products List
Rated power
(70
°C)
15
×7.75
PSR500
5W
PSR400
10
×5.2
5931
3921
4W
∗(+20°C to +125°C)
Tolerance
Temperature
coefficient
(ppm /
°C)
J (
±5%)
G (
±2%)
F (
±1%)
J (
±5%)
G (
±2%)
F (
±1%)
±175
±75
±225
±150
±75
55 to +170
Resistance
range
(m
Ω)
0.3,0.5
1.0,2.0,3.0
0.2
0.3,0.4,0.5
1.0,2.0
Size
(mm)
(inch)
Part No.
Operating
Temperature
Range
(
°C)
Chip Resistor Dimensions and Materials
(Top)
L
W
(Bottom)
b
H
t
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
0
20
40
60
80
100
−55
0
70
100
170
AMBIENT TEMPERATURE (
°C)
Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.


Similar Part No. - PS500HTQFE0L20

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS500-HRP AXIOMTEK-PS500-HRP Datasheet
124Kb / 1P
   Mini Redundant Power
PS500-XP2 AXIOMTEK-PS500-XP2 Datasheet
195Kb / 2P
   Power Supplies
PS500-XP2 AXIOMTEK-PS500-XP2_17 Datasheet
182Kb / 1P
   Power Supplies - PS/2 Type
logo
NEC
PS5001LR NEC-PS5001LR Datasheet
58Kb / 2P
   PHOTO IC INTERRUPTER
PS5003HC NEC-PS5003HC Datasheet
66Kb / 2P
   PHOTO IC INTERRUPTER
More results

Similar Description - PS500HTQFE0L20

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
   High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
GMR ROHM-GMR_V01 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com