Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC083000CIYBNOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC083000CIYBNOPB
Description  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC083000CIYBNOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC083000CIYBNOPB Datasheet HTML 5Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 6Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 7Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 8Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 9Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 10Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 11Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 12Page - Texas Instruments ADC083000CIYBNOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
I / O
GND
V
A
TO INTERNAL
CIRCUITRY
ADC083000
www.ti.com
SNAS358N – JUNE 2006 – REVISED JULY 2009
PACKAGE THERMAL RESISTANCE
Package
θJA
θJC (Top of Package)
θJ-PAD (Thermal Pad)
128-Lead Exposed Pad HLQFP
26°C / W
10°C / W
2.8°C / W
CONVERTER ELECTRICAL CHARACTERISTICS
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
820mVP-P, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 1.5GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential, after calibration. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1) (2)
Units
Symbol
Parameter
Conditions
Typical(3)
Limits (3)
(Limits)
STATIC CONVERTER CHARACTERISTICS
DC Coupled, 1MHz Sine
INL
Integral Non-Linearity (Best fit)
±0.35
±0.9
LSB (max)
Wave Over Ranged
DC Coupled, 1MHz Sine
DNL
Differential Non-Linearity
±0.20
±0.6
LSB (max)
Wave Over Ranged
Resolution with No Missing Codes
8
Bits
VOFF
Offset Error
-0.20
LSB
VOFF_ADJ
Input Offset Adjustment Range
Extended Control Mode
±45
mV
PFSE
Positive Full-Scale Error (4)
−1.6
±25
mV (max)
NFSE
Negative Full-Scale Error (4)
−1.00
±25
mV (max)
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
%FS
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
3
GHz
Errors/Sa
Word Error Rate
10-18
mple
Gain Flatness
0.0 to -1.0 dBFS
50 to 950
MHz
fIN = 373 MHz, VIN = FSR −
7.2
6.8
Bits (min)
0.5 dB
fIN = 748 MHz, VIN = FSR −
ENOB
Effective Number of Bits
7.0
6.6
Bits (min)
0.5 dB
fIN = 1498 MHz, VIN = FSR −
6.5
Bits
0.5 dB
(1)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this
device.
(2)
To ensure accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors. Additionally, achieving rated performance requires that the backside exposed pad be well grounded.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
(4)
Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for
this device, therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 2. For relationship between Gain
Error and Full-Scale Error, see Specification Definitions for Gain Error.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC083000


Similar Part No. - ADC083000CIYBNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB/NOPB TI1-ADC083000CIYB/NOPB Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - ADC083000CIYBNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
885Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com