Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1584C15RP Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1584C15RP
Description  Replacement Power Cords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584C15RP Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1584C15RP Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Replacement Power Cords
Galerie
6.5 ft Cord
15.5 ft Cord
Description
A mps
Cord
Cord
Plug
Part No.
Part No.
Type Gauge
Blade Type
1584C6
1584C15
Straight Blade Molded Plug
15
SJT
14/3
NEMA 5-15P
1584C6RP
1584C15RP
Straight Blade - 90 Degree - Right Angle Molded Plug
15
SJT
14/3
NEMA 5-15P
1584C6S20
1584C15S20
Straight Blade Molded Plug
20
SJT
12/3
NEMA 5-20P
1584C6TW
1584C15TW
Locking Type Molded Plug
15
SJT
14/3
NEMA L5-15P
1584C6TW20
1584C15TW20
Locking Type Molded Plug
20
SJT
12/3
NEMA L5-20P
All cords are SJT or equivalent.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1584C15RP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584C15RP HAMMOND-1584C15RP Datasheet
184Kb / 1P
   SJT or Equivalent, 14/3 Wire
More results

Similar Description - 1584C15RP

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
logo
List of Unclassifed Man...
2120H ETC2-2120H Datasheet
58Kb / 3P
   international power cords
logo
Alpha Wire
535BBK076 ALPHAWIRE-535BBK076 Datasheet
88Kb / 2P
   125 V Detachable Power Supply Cords
777BSL076 ALPHAWIRE-777BSL076 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
782BK078 ALPHAWIRE-782BK078 Datasheet
72Kb / 2P
   125 V Power Cords 3-Conductor
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Bertech.
FGC151M BERTECH-FGC151M Datasheet
109Kb / 1P
   Low Profile Ground Cords
logo
Hammond Manufacturing L...
1584S HAMMOND-1584S Datasheet
61Kb / 1P
   Replacement Power Switch
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
   TX5e UTP Patch Cords
logo
Alpha Wire
550FBK078 ALPHAWIRE-550FBK078 Datasheet
71Kb / 2P
   125 V Detachable Power Supply Cords 3-Conductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com