Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS400ITQGE0L20 Datasheet(PDF) 2 Page - Rohm

Part # PS400ITQGE0L20
Description  Ultra low ohmic Metal plate / High power type Shunt Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PS400ITQGE0L20 Datasheet(HTML) 2 Page - Rohm

  PS400ITQGE0L20 Datasheet HTML 1Page - Rohm PS400ITQGE0L20 Datasheet HTML 2Page - Rohm PS400ITQGE0L20 Datasheet HTML 3Page - Rohm PS400ITQGE0L20 Datasheet HTML 4Page - Rohm PS400ITQGE0L20 Datasheet HTML 5Page - Rohm PS400ITQGE0L20 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/5
Data Sheet
PSR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.03 - Rev.A
Characteristics
Resistance
Variation of resistance
with temperature
±0.5%
±1.0%
No remarkable abnormality on the appearance.
±0.5%
F :
±1%
G :
±2%
J :
±5%
See P1
Measuring method : 2probe per terminal
A new uniform coating of minimum of 95%
of the surface being immersed an no
soldering da a
Without open
Compliance Standard(s) : IEC60115
−8
JISC 5201
−1
Measurement :
+20/+125
±1.0%
±1.0%
±0.5%
±1.0%
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
70
°C Rated power
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
70
°C
Test time : 1,000h to 1,048h
23
±5°C
Solvent : 2
−propanol
Test temp. :
−55°C to +155°C 5cycle
Rosin- Ethanol solution(25% weight)
Soldering condition : 245
±5°C
Duration of immersion : 2.0
±0.5s.
Endurance at 70
°C
Endurance at 170
°C
Bend strength of
the end face plating
Component Solvent
Resistance
Overload
Solderability
Resistance to
soldering heat
Rapid change of
temperature
Damp heat, steady state
Test Items
Test Conditions
Guaranteed Value
Resistor Type
Rated power
×5,5s
Probes
Solder Conditions
260
Reflow
Recommended solder profile
220
150 to 180
150 to 180
120s
Peak
10s Max.
60s
Temperature(
°C)
Time(s)
0
50
100
150
200
250
300
01234
(min)
260
°C±5°C
150
∼180
°C
max. 10s
max. 120s
220
°C over
max. 60s


Similar Part No. - PS400ITQGE0L20

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS400-HRP AXIOMTEK-PS400-HRP Datasheet
199Kb / 2P
   Power Supplies
PS400-XP2 AXIOMTEK-PS400-XP2 Datasheet
195Kb / 2P
   Power Supplies
logo
NEC
PS4001 NEC-PS4001 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
PS4003 NEC-PS4003 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
PS4005 NEC-PS4005 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
More results

Similar Description - PS400ITQGE0L20

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
   High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
GMR ROHM-GMR_V01 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com