Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS400ITQJC0L20 Datasheet(PDF) 3 Page - Rohm

Part # PS400ITQJC0L20
Description  Ultra low ohmic Metal plate / High power type Shunt Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PS400ITQJC0L20 Datasheet(HTML) 3 Page - Rohm

  PS400ITQJC0L20 Datasheet HTML 1Page - Rohm PS400ITQJC0L20 Datasheet HTML 2Page - Rohm PS400ITQJC0L20 Datasheet HTML 3Page - Rohm PS400ITQJC0L20 Datasheet HTML 4Page - Rohm PS400ITQJC0L20 Datasheet HTML 5Page - Rohm PS400ITQJC0L20 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
Data Sheet
PSR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.03 - Rev.A
<
Reference data>
Characteristics
Type
Resistance Value
(mΩ)
Thermal resistivity of
product (ºC /W)
Thermal EMF
(μV/ºC)
Inductance
(nH)
0.3
4.5
0.5
8
1
15
2
16
PSR400
3
24
0.2
3
0.3
4.5
0.4
7
0.5
8
1
8
PSR500
2
16
2μV/ºC Max.
< 3nH
Variation of resistance with temperature (Reference temperature is 20ºC)
Cu/Mn
Ni/Cr
Temperature(
°C)
-60
-40
-20
0
20
40
60
80
100
120
140
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
Temperature(
°C)
-40
-20
0
20
40
60
80
100
120
140
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
-60
Endurance (170ºC with no load)
Ni/Cr
Ni/Cr
Cu/Mn
Cu/Mn
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
0
2000
1500
1000
500
Time / h
Surface Temp Rise (Ta=25ºC)
Measurement condition of this data was taken out from board created under our regulation.
Product with highest temperature was selected for the measurement.
Measurement condition of this data was taken out from board created under our regulation.
Product with highest temperature was selected for the measurement.
PSR400
PSR400
PSR500
PSR500
0
20
40
60
80
100
10
30
50
70
90
120
110
Wattage(W)
0123456
Wattage(W)
0
20
40
60
80
100
10
30
50
70
90
120
110
0123456
3m
Ω
2m
Ω
1m
Ω
0.3m
Ω
2m
Ω
1m
Ω
0.5m
Ω
0.2m
Ω
Please contact us about test board and test conditions.


Similar Part No. - PS400ITQJC0L20

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS400-HRP AXIOMTEK-PS400-HRP Datasheet
199Kb / 2P
   Power Supplies
PS400-XP2 AXIOMTEK-PS400-XP2 Datasheet
195Kb / 2P
   Power Supplies
logo
NEC
PS4001 NEC-PS4001 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
PS4003 NEC-PS4003 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
PS4005 NEC-PS4005 Datasheet
136Kb / 5P
   PHOTO INTERRUPTERS
More results

Similar Description - PS400ITQJC0L20

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR ROHM-PSR_V01 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR350 ROHM-PSR350 Datasheet
988Kb / 7P
   High power metal plate shunt resistors
2023.2 - Rev.001
PSR ROHM-PSR Datasheet
1Mb / 9P
   Ultra low ohmic metal plate
GMR ROHM-GMR_V01 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12M WALSIN-WW12M Datasheet
185Kb / 7P
   Ultra low ohmic power chip resistors
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com