Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ2L7 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMOZ2L7
Description  ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ2L7 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ2L7 Datasheet HTML 1Page - Central Semiconductor Corp CMOZ2L7 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2L4
Series Low Level Zener Diode is a high quality
voltage
regulator
in
an
epoxy-molded
ULTRAmini™ package, designed for applications
requiring an extremely low operating current and
low leakage.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA =50°C)
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA FOR ALL TYPES.
CMOZ2L4 THRU CMOZ43L
ULTRAmini
LOW LEVEL ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
SOD-523 CASE
Central
Semiconductor Corp.
TM
R1 ( 1-October 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
µA
µA
VOLTS
CMOZ2L4
2.28
2.4
2.52
250
1400
25
1.0
M1
CMOZ2L5
2.37
2.5
2.63
250
1500
10
1.0
M2
CMOZ2L7
2.57
2.7
2.84
250
1500
5.0
1.0
M3
CMOZ3L3
3.14
3.3
3.47
250
1600
5.0
1.0
M4
CMOZ3L6
3.42
3.6
3.78
250
1700
5.0
1.0
M5
CMOZ3L9
3.71
3.9
4.10
250
1600
5.0
1.0
M6
CMOZ4L3
4.09
4.3
4.52
250
1600
1.0
1.5
M7
CMOZ4L7
4.47
4.7
4.94
250
1500
1.0
1.5
M8
CMOZ5L1
4.85
5.1
5.36
250
1500
1.0
1.5
M9
CMOZ5L6
5.32
5.6
5.88
250
1400
1.0
2.0
M0
CMOZ6L2
5.89
6.2
6.51
250
1200
1.0
2.0
N1
CMOZ6L8
6.46
6.8
7.14
250
200
1.0
3.5
N2
CMOZ7L5
7.12
7.5
7.88
250
200
1.0
3.5
N3
CMOZ8L2
7.79
8.2
8.61
250
200
1.0
6.0
N4
CMOZ9L1
8.65
9.1
9.56
250
200
1.0
6.0
N5
CMOZ10L
9.50
10
10.50
250
200
1.0
8.0
N6
CMOZ11L
10.45
11
11.55
250
200
1.0
8.0
N7
CMOZ12L
11.40
12
12.60
250
200
1.0
10.5
N8
CMOZ13L
12.35
13
13.65
250
200
1.0
10.5
N9
CMOZ15L
14.25
15
15.75
250
100
1.0
11.5
N0


Similar Part No. - CMOZ2L7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L7 CENTRAL-CMOZ2L7 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMOZ2L7 CENTRAL-CMOZ2L7 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMOZ2L7 CENTRAL-CMOZ2L7 Datasheet
497Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMOZ2L7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
   350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMPZDA3V6 CENTRAL-CMPZDA3V6 Datasheet
103Kb / 2P
   DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com