Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV400CTMI55Q Datasheet(PDF) 5 Page - Macronix International

Part # MX29LV400CTMI55Q
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400CTMI55Q Datasheet(HTML) 5 Page - Macronix International

  MX29LV400CTMI55Q Datasheet HTML 1Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 2Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 3Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 4Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 5Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 6Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 7Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 8Page - Macronix International MX29LV400CTMI55Q Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
5
P/N:PM1300
REV. 2.6, DEC. 22, 2011
MX29LV400C T/B
MX29LV800C T/B
MX29LV160C T/B
MX29LV400C 48-Ball XFLGA (Balls Facing Down, 4 x 6 x 0.5 mm)
A2
6
5
4
3
2
1
A
B
C
D
E
F
G
H
A1
GND
A0
CE#
A4
A3
Q8
OE#
Q0
A6
A7
NC
Q10
Q9
Q1
A17
NC
A5
BYTE#
Q2
NC
Q3
NC
WE#
RE-
SET#
NC
NC
Q13
VCC
Q12
J
K
L
A9
A10
A8
Q4
Q5
A11
A13
A12
Q11
Q6
Q15/
A-1
A14
A15
A16
Q7
GND
Q14


Similar Part No. - MX29LV400CTMI55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CTMI-55Q MCNIX-MX29LV400CTMI-55Q Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-55R MCNIX-MX29LV400CTMI-55R Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-70 MCNIX-MX29LV400CTMI-70 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-70G MCNIX-MX29LV400CTMI-70G Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CTMI-90 MCNIX-MX29LV400CTMI-90 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400CTMI55Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com