Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKI10751 Datasheet(PDF) 5 Page - Sanken electric

Part # DKI10751
Description  DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

DKI10751 Datasheet(HTML) 5 Page - Sanken electric

  DKI10751 Datasheet HTML 1Page - Sanken electric DKI10751 Datasheet HTML 2Page - Sanken electric DKI10751 Datasheet HTML 3Page - Sanken electric DKI10751 Datasheet HTML 4Page - Sanken electric DKI10751 Datasheet HTML 5Page - Sanken electric DKI10751 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DKI10751
DKI10751-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
5
Jan. 24, 2014
OPERATING PRECAUTIONS
In the case that you use Sanken products or design your products by using Sanken products, the reliability largely
depends on the degree of derating to be made to the rated values. Derating may be interpreted as a case that an operation
range is set by derating the load from each rated value or surge voltage or noise is considered for derating in order to
assure or improve the reliability. In general, derating factors include electric stresses such as electric voltage, electric
current, electric power etc., environmental stresses such as ambient temperature, humidity etc. and thermal stress caused
due to self-heating of semiconductor products. For these stresses, instantaneous values, maximum values and minimum
values must be taken into consideration. In addition, it should be noted that since power devices or IC’s including power
devices have large self-heating value, the degree of derating of junction temperature affects the reliability significantly.
Because reliability can be affected adversely by improper storage environments and handling methods, please
observe the following cautions.
Cautions for Storage
 Ensure that storage conditions comply with the standard temperature (5 to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity.
 Avoid locations where dust or harmful gases are present and avoid direct sunlight.
 Reinspect for rust on leads and solderability of the products that have been stored for a long time.
Remarks About Using Silicone Grease with a Heatsink
 When silicone grease is used in mounting the products on a heatsink, it shall be applied evenly and thinly. If more
silicone grease than required is applied, it may produce excess stress.
 Volatile-type silicone greases may crack after long periods of time, resulting in reduced heat radiation effect.
Silicone greases with low consistency (hard grease) may cause cracks in the mold resin when screwing the
products to a heatsink.
Our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the
product life, are indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260 Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other standard test periods, protect the products from power
surges from the testing device, shorts between the product pins, and wrong connections. Ensure all test parameters are
within the ratings specified by Sanken for the products.
Soldering
When soldering the products, please be sure to minimize the working time, within the following limits:
・Reflow
Preheat ; 180 °C / 90 ± 30 s
Solder heating ; 250 °C / 10 ± 1s (260 °C peak, 2 times)
・Soldering iron ; 380 ± 10 °C / 3.5 ± 0.5s (1 time)
Electrostatic Discharge
 When handling the products, the operator must be grounded. Grounded wrist straps worn should have at least 1MΩ
of resistance from the operator to ground to prevent shock hazard, and it should be placed near the operator.
 Workbenches where the products are handled should be grounded and be provided with conductive table and floor
mats.
 When using measuring equipment such as a curve tracer, the equipment should be grounded.
 When soldering the products, the head of soldering irons or the solder bath must be grounded in order to prevent
leak voltages generated by them from being applied to the products.
 The products should always be stored and transported in Sanken shipping containers or conductive containers, or
be wrapped in aluminum foil.


Similar Part No. - DKI10751

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DKI10751 ISC-DKI10751 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
DKI10751 DOINGTER-DKI10751 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Sanken electric
DKI10751 SANKEN-DKI10751_15 Datasheet
687Kb / 8P
   N ch Trench Power MOSFET
More results

Similar Description - DKI10751

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com