Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD780CRZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD780CRZ-REEL7
Description  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780CRZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD780CRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD780CRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2.5 V/3.0 V
High Precision Reference
Data Sheet
AD780
Rev. F
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Pin programmable 2.5 V or 3.0 V output
Ultralow drift: 3 ppm/°C max
High accuracy: 2.5 V or 3.0 V ±1 mV max
Low noise: 100 nV/√Hz
Noise reduction capability
Low quiescent current: 1 mA max
Output trim capability
Plug-in upgrade for present references
Temperature output pin
Series or shunt mode operation (±2.5 V, ±3.0 V)
FUNCTIONAL BLOCK DIAGRAM
R16
R10
+VIN
R4
R5
Q6
Q7
R11
R14
R13
R15
NC
VOUT
TRIM
GND
O/P SELECT
2.5V – NC
3.0V – GND
TEMP
NC
NC = NO CONNECT
AD780
7
2
1
3
4
8
5
6
Figure 1.
PRODUCT DESCRIPTION
The AD780 is an ultrahigh precision band gap reference voltage
that provides a 2.5 V or 3.0 V output from inputs between 4.0 V
and 36 V. Low initial error and temperature drift combined with
low output noise and the ability to drive any value of
capacitance make the AD780 the ideal choice for enhancing the
performance of high resolution ADCs and DACs, and for any
general-purpose precision reference application. A unique low
headroom design facilitates a 3.0 V output from a 5.0 V 10%
input, providing a 20% boost to the dynamic range of an ADC
over performance with existing 2.5 V references.
The AD780 can be used to source or sink up to 10 mA, and can
be used in series or shunt mode, thus allowing positive or
negative output voltages without external components. This
makes it suitable for virtually any high performance reference
application. Unlike some competing references, the AD780 has
no region of possible instability. The part is stable under all load
conditions when a 1 µF bypass capacitor is used on the supply.
A temperature output pin on the AD780 provides an output
voltage that varies linearly with temperature, allowing the part
to be configured as a temperature transducer while providing a
stable 2.5 V or 3.0 V output.
The AD780 is a pin compatible performance upgrade for the
LT1019(A)–2.5 and the AD680. The latter is targeted toward
low power applications.
The AD780 is available in three grades in PDIP and SOIC
packages. The AD780AN, AD780AR, AD780BN, AD780BR,
and AD780CR are specified for operation from −40°C to
+85°C.
PRODUCT HIGHLIGHTS
1. The AD780 provides a pin programmable 2.5 V or 3.0 V
output from a 4 V to 36 V input.
2. Laser trimming of both initial accuracy and temperature
coefficients results in low errors over temperature without
the use of external components. The AD780BN has a
maximum variation of 0.9 mV from −40°C to +85°C.
3. For applications that require even higher accuracy, an
optional fine-trim connection is provided.
4. The AD780 noise is extremely low, typically 4 mV p-p from
0.1 Hz to 10 Hz and a wideband spectral noise density of
typically 100 nV/√Hz. This can be further reduced, if
desired, by using two external capacitors.
5. The temperature output pin enables the AD780 to be
configured as a temperature transducer while providing a
stable output reference.


Similar Part No. - AD780CRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780CRZ-REEL7 AD-AD780CRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

Similar Description - AD780CRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com