Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4690 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMHZ4690
Description  LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4690 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMHZ4690 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4690 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMHZ4678
Series Silicon Low Level Zener Diode is a high
quality voltage regulator designed for applications
requiring an extremely low operating current and
low leakage.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25°C)
PD
500
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA FOR ALL TYPES.
CMHZ4678
THRU
CMHZ4717
LOW LEVEL ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
SOD-123 CASE
Central
Semiconductor Corp.
TM
ZENER
TEST
MAXIMUM
MAXIMUM
MAXIMUM
MARKING
TYPE
VOLTAGE
CURRENT REVERSE LEAKAGE
VOLTAGE
ZENER
CODE
VZ @ IZT
CURRENT
CHANGE**
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
∆∆VZ
IZM
VOLTS VOLTS
VOLTS
µA
µA
VOLTS
VOLTS
mA
CMHZ4678
1.710
1.8
1.890
50
7.5
1.0
0.70
120.0
CCC
CMHZ4679
1.900
2.0
2.100
50
5.0
1.0
0.70
110.0
CCD
CMHZ4680
2.090
2.2
2.310
50
4.0
1.0
0.75
100.0
CCE
CMHZ4681
2.280
2.4
2.520
50
2.0
1.0
0.80
95.0
CCF
CMHZ4682
2.565
2.7
2.835
50
1.0
1.0
0.85
90.0
CCH
CMHZ4683
2.850
3.0
3.150
50
0.8
1.0
0.90
85.0
CCJ
CMHZ4684
3.135
3.3
3.465
50
7.5
1.5
0.95
80.0
CCK
CMHZ4685
3.420
3.6
3.780
50
7.5
2.0
0.95
75.0
CCM
CMHZ4686
3.705
3.9
4.095
50
5.0
2.0
0.97
70.0
CCN
CMHZ4687
4.085
4.3
4.515
50
4.0
2.0
0.99
65.0
CCP
CMHZ4688
4.465
4.7
4.935
50
10
3.0
0.99
60.0
CCT
CMHZ4689
4.845
5.1
5.355
50
10
3.0
0.97
55.0
CCU
CMHZ4690
5.320
5.6
5.880
50
10
4.0
0.96
50.0
CCV
CMHZ4691
5.890
6.2
6.510
50
10
5.0
0.95
45.0
CCA
CMHZ4692
6.460
6.8
7.140
50
10
5.1
0.90
35.0
CCX
CMHZ4693
7.125
7.5
7.875
50
10
5.7
0.75
31.8
CCY
CMHZ4694
7.790
8.2
8.610
50
1.0
6.2
0.50
29.0
CCZ
CMHZ4695
8.265
8.7
9.135
50
1.0
6.6
0.10
27.4
CDC
CMHZ4696
8.645
9.1
9.555
50
1.0
6.9
0.08
26.2
CDD
**
∆VZ=VZ @ 100µA MINUS VZ @ 10µA
R0 ( 29-August 2001)


Similar Part No. - CMHZ4690

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4690 CENTRAL-CMHZ4690 Datasheet
380Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
More results

Similar Description - CMHZ4690

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com