Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ5230B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMHZ5230B
Description  SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ5230B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMHZ5230B Datasheet HTML 1Page - Central Semiconductor Corp CMHZ5230B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-123 CASE - MECHANICAL OUTLINE
CMHZ5221B THRU CMHZ5281B
SURFACE MOUNT ZENER DIODE
2.4 VOLTS THRU 200 VOLTS
500mW, 5% TOLERANCE
MIN
MAX
MIN
MAX
A
0.037
0.053
0.95
1.35
B
-
0.005
-
0.12
C
-
0.008
-
0.20
D
0.055
0.071
1.40
1.80
E
0.098
0.112
2.50
2.84
F
0.140
0.154
3.55
3.90
G
0.010
-
0.25
-
H
0.020
0.028
0.50
0.70
SOD-123 (REV:R3)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
A
B
C
D
F
E
H
G
1
2
R3
R3 ( 2-November 2001)
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA FOR ALL TYPES
ZENER
TEST
MAXIMUM ZENER
MAXIMUM
MAX.
MARKING
TYPE NO.
VOLTAGE
CURRENT
IMPEDANCE
REVERSE
TEMP.
CODE
VZ @ IZT
IZT
CURRENT
COEFF.
MIN
NOM
MAX
ZZT@IZT
ZZK
@IZK
IR
@VR
ΘVZ
VOLTS
VOLTS
VOLTS
mA
ΩΩ
mA
µA
VOLTS
%/°C
CMHZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
CK4
CMHZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
CK5
CMHZ5256B
28.50
30
31.50
4.2
49
600
0.25
0.1
23
+0.091
CM1
CMHZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
CM2
CMHZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
CM3
CMHZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
CM4
CMHZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
CM5
CMHZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
CN1
CMHZ5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
CN2
CMHZ5263B
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
+0.096
CN3
CMHZ5264B
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
+0.097
CN4
CMHZ5265B
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
+0.097
CN5
CMHZ5266B
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
+0.097
CP1
CMHZ5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
CP2
CMHZ5268B
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
+0.098
CP3
CMHZ5269B
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
+0.099
CP4
CMHZ5270B
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
+0.099
CP5
CMHZ5271B
95.00
100
105.00
1.3
500
2600
0.25
0.1
76
+0.11
CR1
CMHZ5272B
104.50
110
115.50
1.1
750
3000
0.25
0.1
84
+0.11
CR2
CMHZ5273B
114.00
120
126.00
1.0
900
4000
0.25
0.1
91
+0.11
CR3
CMHZ5274B
123.50
130
136.50
0.95
1100
4500
0.25
0.1
99
+0.11
CR4
CMHZ5275B
133.00
140
147.00
0.90
1300
4500
0.25
0.1
106
+0.11
CR5
CMHZ5276B
142.50
150
157.50
0.85
1500
5000
0.25
0.1
114
+0.11
CS1
CMHZ5277B
152.00
160
168.00
0.80
1700
5500
0.25
0.1
122
+0.11
CS2
CMHZ5278B
161.50
170
178.50
0.74
1900
5500
0.25
0.1
129
+0.11
CS3
CMHZ5279B
171.00
180
189.00
0.68
2200
6000
0.25
0.1
137
+0.11
CS4
CMHZ5280B
180.50
190
199.50
0.66
2400
6500
0.25
0.1
144
+0.11
CS5
CMHZ5281B
190.00
200
210.00
0.65
2500
7000
0.25
0.1
152
+0.11
CT1
Lead Code:
1) Cathode
2) Anode


Similar Part No. - CMHZ5230B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ5230B CENTRAL-CMHZ5230B Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMHZ5230B CENTRAL-CMHZ5230B Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMHZ5230B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B_10 Datasheet
311Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com