Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTS3285A115N4SS Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # DTS3285A115N4SS
Description  Climatiseur exterieur de 5000-12000 BTUH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DTS3285A115N4SS Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  DTS3285A115N4SS Datasheet HTML 1Page - Hammond Manufacturing Ltd. DTS3285A115N4SS Datasheet HTML 2Page - Hammond Manufacturing Ltd. DTS3285A115N4SS Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Part Number
Rating
lbs.
DTS3165A 115N3LG
3R, 4
113
DTS3165A 230N3LG
3R, 4
113
DTS3185A 115N4SS
4X
113
DTS3185A 230N4SS
4X
113
DTS3265A 115N3LG
3R, 4
155
DTS3265A 230N3LG
3R, 4
155
DTS3285A 115N4SS
4X
155
DTS3285A 230N4SS
4X
155
Electrical Data
DTS3165A 115N3LG / DTS3185A 115N4SS
DTS3265A 115N3LG / DTS3285A 115N4SS
DTS3165A 230N3LG / DTS3185A 230N4SS
DTS3265A 230N3LG / DTS3285A 230N4SS
Rated Voltage
115 V 60 Hz
115 V 60 Hz
230 V 50/60 Hz
230 V 50/60 Hz
Range of Operation
103-127 V /198-252 V
103-127 V /198-252 V
Power Consumption
1000 W /1020 W
1600 W / 1600 W
Running Amps
8.5 A / 4.5 A
13 A / 6.5 A
Starting Current
48 A / 26 A
57 A / 30 A
Line Cord
Terminal Block
Terminal Block
Refrigeration Data
DTS3165A 115N3LG / DTS3185A 115N4SS
DTS3265A 115N3LG / DTS3285A 115N4SS
DTS3165A 230N3LG / DTS3185A 230N4SS
DTS3265A 230N3LG / DTS3285A 230N4SS
Rated Capacity
5000-7000 BTU/H (1466-2052 Watts)
9000-12000 BTU/H (2639-3519 Watts)
Type of Refrigerant
134a
134a
Adjustable Control Range
+ 59…+ 131 / + 15…+ 45C
+ 59…+ 131 / + 15…+ 45C
Factory setting +95 F (+35C)
Factory setting +95 F (+35C)
Max. Ambient Air Temp
+131 F (+55 C)
+131 F (+55 C)
Min. Ambient Air Temp
+59 F (+15 C)
+59 F (+15 C)
Air Capacity (unrestricted)
Internal Circulation 365/341 CFM
Internal Circulation
External Circulation 765/706 CFM
External Circulation
Condonsate Discharge
Condensate Evaporator
Condensate Evaporator
Filter Mat
Filterless
Filterless
Db Noise Level
<70 dB(A)
<70 dB(A)
Unit Weight
108 lbs
150 lbs
Exterior Case
Galvanized Sheet Steel / 304 Stainless Steel
Galvanized Sheet Steel / 304 Stainless Steel
Finish (LG)
RAL7035 Light Grey Powder Finish
RAL7035 Light Grey Powder Finish
Finish (SS)
Polish #3
Polish #3
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - DTS3285A115N4SS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DTS3281A115N4SS HAMMOND-DTS3281A115N4SS Datasheet
134Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
DTS3281A230N4SS HAMMOND-DTS3281A230N4SS Datasheet
134Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
More results

Similar Description - DTS3285A115N4SS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DTS3X45 HAMMOND-DTS3X45 Datasheet
177Kb / 3P
   Climatiseur interieur de 5000-12000 BTUH
DTS3081 HAMMOND-DTS3081 Datasheet
107Kb / 3P
   Climatiseur exterieur de 2500 BTUH
DTS31X1SL HAMMOND-DTS31X1SL Datasheet
131Kb / 3P
   Climatiseur exterieur compact de 3500 BTUH
DTS3031 HAMMOND-DTS3031 Datasheet
128Kb / 3P
   Climatiseur exterieur de 900-1200 BTUH
DTS3X81 HAMMOND-DTS3X81 Datasheet
134Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
DTS3X61 HAMMOND-DTS3X61 Datasheet
131Kb / 3P
   Climatiseur exterieur de 4000-7500 BTUH
DTS3031SS HAMMOND-DTS3031SS Datasheet
129Kb / 3P
   Climatiseur exterieur de 900-1200 BTUH
DTS2000 HAMMOND-DTS2000 Datasheet
84Kb / 2P
   Climatiseur interieur de 2000 BTUH
DTS3041 HAMMOND-DTS3041 Datasheet
146Kb / 3P
   Climatiseur interieur de 2500 BTUH
DTT6X01 HAMMOND-DTT6X01 Datasheet
100Kb / 3P
   Climatiseur interieur de 1200-14000 BTUH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com