Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMKT5078 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMKT5078
Description  ULTRAmini. SURFACE MOUNT SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKT5078 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMKT5078 Datasheet HTML 1Page - Central Semiconductor Corp CMKT5078 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKT5078 ,
CMKT5087,
and
CMKT5088,
are
Silicon
transistors in an ULTRAminisurface mount
package, designed for applications requiring high
gain and low noise.
MAXIMUM RATINGS: (TA=25oC)
SYMBOL
NPN
PNP
UNITS
Collector-Base Voltage
VCBO
35
50
V
Collector-Emitter Voltage
VCEO
30
50
V
Emitter-Base Voltage
VEBO
4.5
3.0
V
Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
o
C
Thermal Resistance
ΘJA
357
o
C/W
ELECTRICAL CHARACTERISTICS: (TA=25oC unless otherwise noted)
NPN
PNP
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=10V
10
nA
ICBO
VCB=35V
50
nA
ICBO
VCB=20V
50
nA
IEBO
VEB=3.0V
50
nA
BVCBO
IC=100µA
35
50
V
BVCEO
IC=1.0mA
30
50
V
BVEBO
IE=100µA
4.5
3.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.50
0.30
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.80
0.85
V
hFE
VCE=5.0V, IC=0.1mA
300
900
250
800
hFE
VCE=5.0V, IC=1.0mA
350
250
hFE
VCE=5.0V, IC=10mA
300
250
fT
VCE=5.0V, IC=500µA, f=20MHz
50
40
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
250
900
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=10Hz to 15.7kHz
3.0
2.0
dB
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=1.0kHz
2.0
dB
CMKT5078
CMKT5087
CMKT5088
ULTRAmini
SURFACE MOUNT
SILICON TRANSISTORS
SOT-363 CASE
Central
Semiconductor Corp.
TM
R0 ( 19-September 2001)
The following configurations are available:
CMKT5078 Dual, Complementary Marking Code: K78
CMKT5087 Dual, PNP
Marking Code: K87
CMKT5088 Dual, NPN
Marking Code: K88


Similar Part No. - CMKT5078

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT5078 CENTRAL-CMKT5078 Datasheet
433Kb / 2P
   SURFACE MOUNT DUAL SILICON TRANSISTORS
CMKT5078 CENTRAL-CMKT5078 Datasheet
433Kb / 2P
   SURFACE MOUNT DUAL SILICON TRANSISTORS
CMKT5078 CENTRAL-CMKT5078_10 Datasheet
433Kb / 2P
   SURFACE MOUNT DUAL SILICON TRANSISTORS
More results

Similar Description - CMKT5078

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT2207 CENTRAL-CMKT2207 Datasheet
111Kb / 2P
   ULTRAmini. SURFACE MOUNT COMPLEMENTARY TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E Datasheet
97Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E Datasheet
132Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10 Datasheet
123Kb / 2P
   SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMUT3410 CENTRAL-CMUT3410 Datasheet
87Kb / 2P
   SURFACE MOUNT ULTRAmini COMPLEMENTARY LOW VCE(SAT) SILICON TRANSISTORS
CMUT2222A CENTRAL-CMUT2222A Datasheet
103Kb / 2P
   ULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2907A CENTRAL-CMUT2907A Datasheet
238Kb / 2P
   ULTRAmini. SURFACE MOUNT PNP SILICON TRANSISTOR
CMUSH2-4 CENTRAL-CMUSH2-4 Datasheet
138Kb / 2P
   SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMKT2907A CENTRAL-CMKT2907A Datasheet
111Kb / 2P
   ULTRAmini. SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
CMUT5179 CENTRAL-CMUT5179 Datasheet
106Kb / 2P
   ULTRAmini. SURFACE MOUNT NPN SILICON RF TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com