Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25PN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 25PN
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

25PN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 25PN Datasheet HTML 5Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 6Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 7Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 8Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 9Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 10Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 11Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 12Page - List of Unclassifed Manufacturers 25PN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
D
D9
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SECURITY GUARDS for switch series 12000, 3500, 600H and 6000
With keying
With locking ring
With 'D' flat
PANEL CUT-OUTS & OPTIONS
P Holes for wiring seal
Cap engraving available - consult factory.
Other locking configurations such as locked center position available - consult factory.
Series 20 - 30 - 40
Series 50 - 60 - 70
SECURITY GUARDS for switch series 3500, 600H and 6000
Series 90
Bushing shapes - for standard products
Actuator locked in center position
- for other products
A
B
C
D
E
F
G
H
Security guard cap colors
Color of stripes
How to order
Locks in center
Prevents down
Prevents up
Locks in down
Locks in up
position
position
position
position
position
1
5
4
3
2
OPTION COLOR
1
Blue
2
Black
3
Green
4
Gray
5
Yellow
6
Red
7/1
White
9
Orange
0
Striped (see
color of stripes)
Security guard cap shape
OPTION
STRIPE 1 STRIPE 2
A
Red
Black
B
Yellow
Black
C
Red
White
D
White
Black
Series
Bushing shape Cap shape Cap color Color of stripes
Example of completely specified
model number:
90A10B
9
0
Fill in boxes by making selections from each category
indicated.


Similar Part No. - 25PN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
25P05 STMICROELECTRONICS-25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
25P10AV NUMONYX-25P10AV Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
Winbond
25P16 WINBOND-25P16 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
25P16 WINBOND-25P16 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
logo
STMicroelectronics
25P40VP STMICROELECTRONICS-25P40VP Datasheet
262Kb / 40P
   4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
More results

Similar Description - 25PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
C&K Components
801805000 CK-COMPONENTS-801805000 Datasheet
1Mb / 24P
   Miscellaneous Components, Hardware & Technical Data
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
   Accessories Hardware
NTE435P6 ETC2-NTE435P6 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com