Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ11L Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ11L
Description  SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ11L Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ11L Datasheet HTML 1Page - Central Semiconductor Corp CMDZ11L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-323 CASE - MECHANICAL OUTLINE
CMDZ2L4 THRU CMDZ36L
SUPERmini
LOW LEVEL ZENER DIODE
250mW, 2.4 VOLTS THRU 36 VOLTS
R1 ( 1-November 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS
VOLTS
VOLTS
µA
µA
VOLTS
CMDZ22L
20.88
22
23.17
500
100
1.0
20
3P
CMDZ24L
22.93
24
25.57
500
120
1.0
22
4P
CMDZ27L
25.10
27
28.90
500
150
1.0
24
5P
CMDZ30L
28.00
30
32.00
500
200
1.0
27
6P
CMDZ33L
31.00
33
35.00
500
250
1.0
30
7P
CMDZ36L
34.00
36
38.00
500
300
1.0
33
8P
ELECTRICAL CHARACTERISTICS (CONTINUED):
LEAD CODE:
1) Cathode
2) Anode


Similar Part No. - CMDZ11L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ11L CENTRAL-CMDZ11L Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ11L CENTRAL-CMDZ11L Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMDZ11L CENTRAL-CMDZ11L Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
More results

Similar Description - CMDZ11L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com