Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD72 Datasheet(PDF) 2 Page - Rohm

Part # EMD72
Description  Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD72 Datasheet(HTML) 2 Page - Rohm

  EMD72 Datasheet HTML 1Page - Rohm EMD72 Datasheet HTML 2Page - Rohm EMD72 Datasheet HTML 3Page - Rohm EMD72 Datasheet HTML 4Page - Rohm EMD72 Datasheet HTML 5Page - Rohm EMD72 Datasheet HTML 6Page - Rohm EMD72 Datasheet HTML 7Page - Rohm EMD72 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EMD72
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol DTr1(NPN) DTr2(PNP)
Unit
Supply voltage
VCC
50
-50
V
Input voltage
VIN
30 to -5
-30 to 5
V
Output current
IO
100
-100
mA
Collector current
IC(MAX)*1
100
-100
mA
Power dissipation
PD*2 *3
150(Total)
mW/Total
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C) <For DTr1(NPN)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 0.1mA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 5mA
1.1
-
-
Output voltage
VO(on)
IO / II = 5mA / 0.5mA
-
0.05
0.15
V
Input current
II
VI = 5V
-
-
1.8
mA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
0.5
μA
DC current gain
GI
VO = 10V, IO = 5mA
80
-
-
-
Input resistance
R1
-
3.29
4.7
6.11
Resistance ratio
R2/R1
-
8
10
12
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
l
lElectrical characteristics (Ta = 25°C) <For DTr2(PNP)>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -0.1mA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -5mA
-1.1
-
-
Output voltage
VO(on)
IO / II = -5mA / -0.5mA
-
-0.07
-0.15
V
Input current
II
VI = -5V
-
-
-1.8
mA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-0.5
μA
DC current gain
GI
VO = -10V, IO = -5mA
80
-
-
-
Input resistance
R1
-
3.29
4.7
6.11
Resistance ratio
R2/R1
-
8
10
12
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 terminal mounted on a reference footprint.
*3 120mW per element must not be exceeded.
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
2/7
20131001 - Rev.002


Similar Part No. - EMD72

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD72 ROHM-EMD72 Datasheet
1Mb / 10P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD72 ROHM-EMD72_16 Datasheet
1Mb / 10P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - EMD72

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH59 ROHM-EMH59_16 Datasheet
1Mb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH60 ROHM-EMH60_16 Datasheet
1Mb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD59 ROHM-EMD59 Datasheet
919Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD52 ROHM-EMD52 Datasheet
843Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD62 ROHM-EMD62 Datasheet
893Kb / 8P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH53 ROHM-EMH53 Datasheet
688Kb / 5P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH60 ROHM-EMH60 Datasheet
690Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH61 ROHM-EMH61 Datasheet
683Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD62 ROHM-EMD62_16 Datasheet
1Mb / 10P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB75 ROHM-EMB75 Datasheet
702Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB61 ROHM-EMB61 Datasheet
786Kb / 6P
   Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com