Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T60004-L2050-W626 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # T60004-L2050-W626
Description  NaNOcRysTallINE VITROPERM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T60004-L2050-W626 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button T60004-L2050-W626 Datasheet HTML 2Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 3Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 4Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 5Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 6Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 7Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 8Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 9Page - List of Unclassifed Manufacturers T60004-L2050-W626 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10
100
1,000
10,000
100,000
0.001
0.01
0.1
1
10
100
frequency [MHz]
VITROPERM 500F
typical Mn-Zn ferrite
VITROPERM 250F
0
10
20
30
40
50
0.001
0.01
0.1
1
10
frequency [MHz]
1- phase CMC, core:
25 x 20 x 10 mm (VITROPERM)
25 x 15 x 10 mm (ferrite)
typical ferrite CMC
VITROPERM CMC
due to the optimized high-frequency properties the insertion loss of our
nanocrystalline common mode chokes is superior compared to that of
a typical ferrite choke in the relevant frequency range.
VITROPERM
vs. ferrite
Fig. 5: Comparison of insertion loss of VITROPERM and ferrite
The properties of VITROPERM are very much diffe-
rent from conventional ferrites. This has to be consi-
dered in the filter design for optimal solutions. The
main physical and magnetic characteristics are illus-
trated in the following diagrams.
Fig. 6: Frequency response of the permeability of VITROPERM 500F (μ=40 000) and VITROPERM 250F
(μ=5 000) in comparison to a typical MnZn ferrite (μ=5 000).
permeability
The permeability of VITROPERM 500F is signifi-
cantly higher than ferrite in the low frequency range.
At higher frequencies the μ of both nanocrystalline
materials remains above that of ferrites. A high
choke impedance is preferred for a high attenuation.
This can be achieved more effectively by using high
permeability core materials than by increasing the
number of turns, as a lower number of turns results
in lower winding capacitance and hence improved
HF properties.
6
NaNOcRysTallINE VITROPERM / EMc PROducTs


Similar Part No. - T60004-L2050-W626

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60004-L2050-W434 VACUUMSCHMELZE-T60004-L2050-W434 Datasheet
30Kb / 2P
   Specification for Soft Magnetic Cores
T60004-L2050-W583 VACUUMSCHMELZE-T60004-L2050-W583 Datasheet
27Kb / 2P
   Specification for Soft Magnetic Cores
More results

Similar Description - T60004-L2050-W626

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
   WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com