Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3C-10DA-2DSA(71) Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A3C-10DA-2DSA(71)
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3C-10DA-2DSA(71) Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A3C-10DA-2DSA(71) Datasheet HTML 3Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 4Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 5Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 6Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 7Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 8Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 9Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 10Page - List of Unclassifed Manufacturers A3C-10DA-2DSA(71) Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
C16
A3 • A4 Series
2mm Pitch Miniature Connector
Part Number
A3-44DA-2DS(71)
A3-50DA-2DS(71)
CL No.
621-0711-9-71
621-0714-7-71
A
B
RoHS
44
50
42
48
YES
Note: Please order the product per 100 pcs.
■Receptacle
BPCB mounting pattern
●A3 Right Angle Type
Unit: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3C-10DA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3C-10DA-2DSA ETC-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA ETC2-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3C-10DA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com