Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4618 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMHZ4618
Description  500mW LOW NOISE ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4618 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMHZ4618 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4618 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMHZ4614
Series Silicon Zener Diode is a high quality
voltage regulator designed for low leakage, low
current and low noise applications.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TL=75°C)
PD
500
mW
Storage Temperature Range
Tstg
-65 to +175
°C
Maximum Junction Temperature
TJ
+150
°C
Thermal Resistance
ΘJL
150
°C/W
ELECTRICAL CHARACTERISTICS: ( TA=25oC) VF=1.5V MAX @ IF=100mA FOR ALL TYPES
CMHZ4614
THRU
CMHZ4627
500mW LOW NOISE ZENER DIODE
5% TOLERANCE
SOD-123 CASE
Central
Semiconductor Corp.
TM
*Available on special order; consult factory.
R0 ( 11-September 2001)
TYPE NO.
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
MARKING
ZENER
TEST
ZENER
LEAKAGE CURRENT
ZENER
NOISE
CODE
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
VZ@IZT
IZT
ZZT@IZT
IR@VR
IZM
ND@IZT=250µµΑΑ
µµA
µµA
VOLTS
mA
µµV/
Hz
CMHZ4614*
1.8
250
1200
7.5
1.0
120
1.0
CHC
CMHZ4615*
2.0
250
1250
5.0
1.0
110
1.0
CHD
CMHZ4616*
2.2
250
1300
4.0
1.0
100
1.0
CHE
CMHZ4617*
2.4
250
1400
2.0
1.0
95
1.0
CHF
CMHZ4618*
2.7
250
1500
1.0
1.0
90
1.0
CHH
CMHZ4619*
3.0
250
1600
0.8
1.0
85
1.0
CHJ
CMHZ4620*
3.3
250
1650
7.5
1.5
80
1.0
CHK
CMHZ4621*
3.6
250
1700
7.5
2.0
75
1.0
CHM
CMHZ4622*
3.9
250
1650
5.0
2.0
70
1.0
CHN
CMHZ4623*
4.3
250
1600
4.0
2.0
65
1.0
CHP
CMHZ4624*
4.7
250
1550
10
3.0
60
1.0
CHT
CMHZ4625*
5.1
250
1500
10
3.0
55
2.0
CHU
CMHZ4626*
5.6
250
1400
10
4.0
50
4.0
CHV
CMHZ4627*
6.2
250
1200
10
5.0
45
5.0
CHA
1.710
1.890
1.900
2.100
2.090
2.310
2.280
2.520
2.565
2.835
2.850
3.150
3.135
3.465
3.420
3.780
3.705
4.095
4.085
4.515
4.465
4.935
4.845
5.355
5.320
5.880
5.890
6.510
MIN
NOM
MAX
VOLTS
VOLTS
VOLTS


Similar Part No. - CMHZ4618

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4618 CENTRAL-CMHZ4618 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
CMHZ4618 CENTRAL-CMHZ4618 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4618 CENTRAL-CMHZ4618 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results

Similar Description - CMHZ4618

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com