Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-782T Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-782T
Description  Automotive Isolation Amplifier with R2Coupler Isolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-782T Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-782T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External
Air Gap (Clearance)
L(101)
7.4
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.0
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal
Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative
Tracking Index)
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
Isolation Group
(DIN VDE0109)
IIIa
Material Group (DIN VDE 0110)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
130
°C
Operating Temperature
TA
-40
125
°C
Supply Voltage
VDD1, VDD2
0
5.5
Volts
Steady-state Input Voltage
VIN+, VIN-
-2.0
VDD1 + 0.5
Volts
2 second Transient Input Voltage
-6.0
Volts
Output Voltage
VOUT
-0.5
VDD2 + 0.5
Volts
Solder Reflow Temperature Profile
See Package Outline Drawings Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Ambient Operating Temperature
TA
-40
125
°C
Power Supply Voltage
VDD1, VDD2
4.5
5.5
Volts
Input Voltage (Accurate & Linear)
VIN+, VIN-
-200
200
mV
1
Input Voltage (Functional)
VIN+, VIN-
-2
2
V


Similar Part No. - ACPL-782T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler??Isolation
More results

Similar Description - ACPL-782T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler??Isolation
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com