Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABC-1-12 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # ABC-1-12
Description  Fast-acting, ceramic tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-1-12 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  ABC-1-12 Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-1-12 Datasheet HTML 2Page - Cooper Bussmann, Inc. ABC-1-12 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TIME CURRENT CURVE
PACKAGING CODE
Packaging Code
Description
BK
100 pieces of fuses packed into a cardboard carton
BK1
1,000 pieces of fuses packed into a cardboard carton
BK8
8,000 pieces of fuses packed into a cardboard carton
OPTION CODE
Option Code
Description
B
Board Washable - Hermetically sealed to withstand aqueous cleaning
V
Axial leads - copper tinned wire with nickel plated brass overcaps
-R
RoHS compliant version
1/4" x 1-1/4" Fuses
ABC Series, Fast Acting, Ceramic Tube


Similar Part No. - ABC-1-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-1-12-R COOPER-ABC-1-12-R Datasheet
210Kb / 2P
   Fast-acting, ceramic tube Optional axial leads available
ABC-1-12-R COOPER-ABC-1-12-R Datasheet
210Kb / 2P
   ABC Series, Fast-Acting, Ceramic Tube
ABC-1-12-R COOPER-ABC-1-12-R Datasheet
279Kb / 2P
   1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
More results

Similar Description - ABC-1-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
   GDA Series, Fast-Acting, Ceramic Tube
ABC-1-R COOPER-ABC-1-R Datasheet
210Kb / 2P
   ABC Series, Fast-Acting, Ceramic Tube
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
ABC-14-R COOPER-ABC-14-R Datasheet
210Kb / 2P
   Fast-acting, ceramic tube Optional axial leads available
logo
Eaton All Rights Reserv...
1025HC EATON-1025HC Datasheet
514Kb / 9P
   Fast-acting, high current, surface mount ceramic tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
   1????x 1 1????Fast-acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
BK-AGC-1-2-R COOPER-BK-AGC-1-2-R Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
BKAGC-1-2-R COOPER-BKAGC-1-2-R Datasheet
164Kb / 2P
   AGC Series, Fast Acting, Glass Tube
logo
Eaton All Rights Reserv...
GDA EATON-GDA Datasheet
321Kb / 2P
   5 mm x 20 mm Fast-acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
   5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com