Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4952 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4952
Description  Full-Bridge DMOS PWM Motor Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4952 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4952 Datasheet HTML 1Page - Allegro MicroSystems A4952 Datasheet HTML 2Page - Allegro MicroSystems A4952 Datasheet HTML 3Page - Allegro MicroSystems A4952 Datasheet HTML 4Page - Allegro MicroSystems A4952 Datasheet HTML 5Page - Allegro MicroSystems A4952 Datasheet HTML 6Page - Allegro MicroSystems A4952 Datasheet HTML 7Page - Allegro MicroSystems A4952 Datasheet HTML 8Page - Allegro MicroSystems A4952 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Full-Bridge DMOS PWM Motor Drivers
A4952 and
A4953
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Performance
PWM Control Timing Diagram
PWM Control Truth Table
IN1
IN2
10
×V
S > VREF
OUT1
OUT2
Function
0
1
False
L
H
Reverse
1
0
False
H
L
Forward
0
1
True
H/L
L
Chop (mixed decay), reverse
1
0
True
L
H/L
Chop (mixed decay), forward
1
1
False
L
L
Brake (slow decay)
0
0
False
Z
Z
Coast, enters Low Power Standby mode after 1 ms
Note: Z indicates high impedance.
Reverse/
Fast Decay
Reverse/
Slow Decay
Forward/
Fast Decay
Forward/
Slow Decay
GND
GND
+I
REG
0 A
-I
REG
IN1
IN2
I
OUT(x)
V
IN(1)
V
IN(1)


Similar Part No. - A4952

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952 Datasheet
292Kb / 11P
   Designed for pulse width modulated (PWM) control of DC motors, the A4952 and A4953 are capable of peak output currents to 짹2 A and operating voltages to 40 V.
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
More results

Similar Description - A4952

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
   FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com