Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL256FDXGI11G Datasheet(PDF) 3 Page - Macronix International

Part # MX29GL256FDXGI11G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL256FDXGI11G Datasheet(HTML) 3 Page - Macronix International

  MX29GL256FDXGI11G Datasheet HTML 1Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 2Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 3Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 4Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 5Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 6Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 7Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 8Page - Macronix International MX29GL256FDXGI11G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
P/N:PM1544
REV. 1.5, OCT. 30, 2013
MX29GL256F
COMMAND OPERATIONS...................................................................................................................................18
READING THE MEMORY ARRAY ..............................................................................................................18
AUTOMATIC PROGRAMMING OF THE MEMORY ARRAY......................................................................18
ERASING THE MEMORY ARRAY...............................................................................................................19
SECTOR ERASE.........................................................................................................................................19
CHIP ERASE ..............................................................................................................................................20
ERASE SUSPEND/RESUME......................................................................................................................21
SECTOR ERASE RESUME ........................................................................................................................21
PROGRAM SUSPEND/RESUME ...............................................................................................................22
PROGRAM RESUME..................................................................................................................................22
BUFFER WRITE ABORT.............................................................................................................................22
AUTOMATIC SELECT OPERATIONS.........................................................................................................23
AUTOMATIC SELECT COMMAND SEQUENCE........................................................................................23
READ MANUFACTURER ID OR DEVICE ID..............................................................................................24
RESET ........................................................................................................................................................24
ADVANCED SECTOR PROTECTION/UN-PROTECTION..........................................................................25
Figure 1. Advance Sector Protection/Unprotection SPB Program Algorithm...............................................25
Figure 2. Lock Register Program Algorithm.................................................................................................26
Figure 3. SPB Program Algorithm................................................................................................................28
SECURITY SECTOR FLASH MEMORY REGION......................................................................................31
TABLE 3. COMMAND DEFINITIONS..........................................................................................................32
COMMON FLASH MEMORY INTERFACE (CFI) MODE .....................................................................................35
QUERY COMMAND AND COMMAND FLASH MEMORY INTERFACE (CFI) MODE................................35
Table 4-1. CFI mode: Identification Data Values (Note 1) ................................................................................35
Table 4-2. CFI mode: System Interface Data Values...................................................................................35
Table 4-3. CFI mode: Device Geometry Data Values ..................................................................................36
Table 4-4. CFI mode: Primary Vendor-Specific Extended Query Data Values ............................................37
ELECTRICAL CHARACTERISTICS ....................................................................................................................38
ABSOLUTE MAXIMUM STRESS RATINGS ...............................................................................................38
OPERATING TEMPERATURE AND VOLTAGE ..........................................................................................38
Maximum Negative Overshoot Waveform ...................................................................................................38
Maximum Positive Overshoot Waveform.....................................................................................................38
DC CHARACTERISTICS.............................................................................................................................39
SWITCHING TEST CIRCUITS ....................................................................................................................40
Test Condition .............................................................................................................................................40
SWITCHING TEST WAVEFORMS.............................................................................................................40
AC CHARACTERISTICS.............................................................................................................................41
WRITE COMMAND OPERATION.........................................................................................................................43
Figure 4. COMMAND WRITE OPERATION ................................................................................................43
READ/RESET OPERATION .................................................................................................................................44
Figure 5. READ TIMING WAVEFORMS......................................................................................................44
Figure 6. RESET# TIMING WAVEFORM ...................................................................................................45


Similar Part No. - MX29GL256FDXGI11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL256FDXGI-11G MCNIX-MX29GL256FDXGI-11G Datasheet
1Mb / 72P
   DATASHEET
More results

Similar Description - MX29GL256FDXGI11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com