Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL128FDT2I11G Datasheet(PDF) 5 Page - Macronix International

Part # MX29GL128FDT2I11G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128FDT2I11G Datasheet(HTML) 5 Page - Macronix International

  MX29GL128FDT2I11G Datasheet HTML 1Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 2Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 3Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 4Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 5Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 6Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 7Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 8Page - Macronix International MX29GL128FDT2I11G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5
P/N:PM1683
REV. 1.4, OCT. 30, 2013
MX29GL128F
FEATURES
GENERAL FEATURES
• Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
- MX29GL128F H/L: VI/O=VCC=2.7V~3.6V, VI/O voltage must tight with VCC
- MX29GL128F U/D: VI/O=1.65V~3.6V for Input/Output
• Byte/Word mode switchable
- 16,777,216 x 8 / 8,388,608 x 16
• 64KW/128KB uniform sector architecture
- 128 equal sectors
• 16-byte/8-word page read buffer
• 64-byte/32-word write buffer
• Extra 128-word sector for security
- Features factory locked and identifiable, and customer lockable
• Advanced sector protection function (Solid and Password Protect)
• Latch-up protected to 100mA from -1V to 1.5xVcc
• Low Vcc write inhibit : Vcc ≤ VLKO
• Compatible with JEDEC standard
- Pinout and software compatible to single power supply Flash
• Deep power down mode
PERFORMANCE
• High Performance
- Fast access time:
- MX29GL128F H/L: 70/90ns (VCC=2.7~3.6V)
- MX29GL128F U/D: 90/110ns (VCC=2.7~3.6V, V I/O=1.65V to Vcc)
- Page access time:
- MX29GL128F H/L: 25ns
- MX29GL128F U/D: 30ns
- Fast program time: 10us/word
- Fast erase time: 0.5s/sector
• Low Power Consumption
- Low active read current: 10mA (typical) at 5MHz
- Low standby current: 20uA (typical)
• Minimum 100,000 erase/program cycle
• 20 years data retention
SOFTWARE FEATURES
• Program/Erase Suspend & Program/Erase Resume
- Suspends sector erase operation to read data from or program data to another sector which is not being
erased
- Suspends sector program operation to read data from another sector which is not being program
• Status Reply
- Data# Polling & Toggle bits provide detection of program and erase operation completion
• Support Common Flash Interface (CFI)
HARDWARE FEATURES
• Ready/Busy# (RY/BY#) Output
- Provides a hardware method of detecting program and erase operation completion
• Hardware Reset (RESET#) Input
- Provides a hardware method to reset the internal state machine to read mode
• WP#/ACC input pin
- Hardware write protect pin/Provides accelerated program capability
PACKAGE
• 56-Pin TSOP
• 56-Ball FBGA (7mm x 9mm)
• 64-Ball LFBGA (11mm x 13mm)
All devices are RoHS Compliant and Halogen-free
SINGLE VOLTAGE 3V ONLY FLASH MEMORY


Similar Part No. - MX29GL128FDT2I11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
More results

Similar Description - MX29GL128FDT2I11G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com