Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL256FHXGI90Q Datasheet(PDF) 9 Page - Macronix International

Part # MX29GL256FHXGI90Q
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL256FHXGI90Q Datasheet(HTML) 9 Page - Macronix International

Back Button MX29GL256FHXGI90Q Datasheet HTML 5Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 6Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 7Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 8Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 9Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 10Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 11Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 12Page - Macronix International MX29GL256FHXGI90Q Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
P/N:PM1544
REV. 1.5, OCT. 30, 2013
MX29GL256F
BLOCK DIAGRAM DESCRIPTION
The block diagram on Page 8 illustrates a simplified architecture of this device. Each block in the block diagram
represents one or more circuit modules in the real chip used to access, erase, program, and read the memory
array.
The "CONTROL INPUT LOGIC" block receives input pins CE#, OE#, WE#, RESET#, BYTE#, and WP#/ACC.
It creates internal timing control signals according to the input pins and outputs to the "ADDRESS LATCH AND
BUFFER" to latch the external address pins A0-AM(A23). The internal addresses are output from this block to
the main array and decoders composed of "X-DECODER", "Y-DECODER", "Y-PASS GATE", AND "FLASH AR-
RAY". The X-DECODER decodes the word-lines of the flash array, while the Y-DECODER decodes the bit-lines
of the flash array. The bit lines are electrically connected to the "SENSE AMPLIFIER" and "PGM DATA HV" se-
lectively through the Y-PASS GATES. SENSE AMPLIFIERS are used to read out the contents of the flash memo-
ry, while the "PGM DATA HV" block is used to selectively deliver high power to bit-lines during programming. The
"I/O BUFFER" controls the input and output on the Q0-Q15/A-1 pads. During read operation, the I/O BUFFER
receives data from SENSE AMPLIFIERS and drives the output pads accordingly. In the last cycle of program
command, the I/O BUFFER transmits the data on Q0-Q15/A-1 to "PROGRAM DATA LATCH", which controls the
high power drivers in "PGM DATA HV" to selectively program the bits in a word or byte according to the user in-
put pattern.
The "PROGRAM/ERASE HIGH VOLTAGE" block comprises the circuits to generate and deliver the necessary
high voltage to the X-DECODER, FLASH ARRAY, and "PGM DATA HV" blocks. The logic control module com-
prises of the "WRITE STATE MACHINE, WSM", "STATE REGISTER", "COMMAND DATA DECODER", and
"COMMAND DATA LATCH". When the user issues a command by toggling WE#, the command on Q0-Q15/A-1
is latched in the COMMAND DATA LATCH and is decoded by the COMMAND DATA DECODER. The STATE
REGISTER receives the command and records the current state of the device. The WSM implements the in-
ternal algorithms for program or erase according to the current command state by controlling each block in the
block diagram.
ARRAY ARCHITECTURE
The main flash memory array can be organized as Byte mode (x8) or Word mode (x16). The details of the ad-
dress ranges and the corresponding sector addresses are shown in Table 1.


Similar Part No. - MX29GL256FHXGI90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL256FHXGI-90Q MCNIX-MX29GL256FHXGI-90Q Datasheet
1Mb / 72P
   DATASHEET
More results

Similar Description - MX29GL256FHXGI90Q

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E_14 Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com