Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL128ELXFI90G Datasheet(PDF) 6 Page - Macronix International

Part # MX29GL128ELXFI90G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128ELXFI90G Datasheet(HTML) 6 Page - Macronix International

Back Button MX29GL128ELXFI90G Datasheet HTML 2Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 3Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 4Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 5Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 6Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 7Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 8Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 9Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
P/N:PM1500
REV. 1.8, NOV. 13, 2013
MX29GL128E
BLOCK DIAGRAM DESCRIPTION
Theblock diagramillustratesasimplifiedarchitectureofthisdevice.Eachblockintheblockdiagramrepresents
oneormorecircuitmodulesintherealchipusedtoaccess,erase,program,andreadthememoryarray.
The"CONTROLINPUTLOGIC"blockreceivesinputpinsCE#,OE#,WE#,RESET#,BYTE#,andWP#/ACC.
Itcreatesinternaltimingcontrolsignalsaccordingtotheinputpinsandoutputstothe"ADDRESSLATCHAND
BUFFER"tolatchtheexternaladdresspinsA0-AM(A22).Theinternaladdressesareoutputfromthisblockto
themainarrayanddecoderscomposedof"X-DECODER","Y-DECODER","Y-PASSGATE",AND"FLASHAR-
RAY".TheX-DECODERdecodestheword-linesoftheflasharray,whiletheY-DECODERdecodesthebit-lines
oftheflasharray.Thebitlinesareelectricallyconnectedtothe"SENSEAMPLIFIER"and"PGMDATAHV"se-
lectivelythroughtheY-PASSGATES.SENSEAMPLIFIERSareusedtoreadoutthecontentsoftheflashmemo-
ry,whilethe"PGMDATAHV"blockisusedtoselectivelydeliverhighpowertobit-linesduringprogramming.The
"I/OBUFFER"controlstheinputandoutputontheQ0-Q15/A-1pads.Duringreadoperation,theI/OBUFFER
receivesdatafromSENSEAMPLIFIERSanddrivestheoutputpadsaccordingly.Inthelastcycleofprogram
command,theI/OBUFFERtransmitsthedataonQ0-Q15/A-1to"PROGRAMDATALATCH",whichcontrolsthe
highpowerdriversin"PGMDATAHV"toselectivelyprogramthebitsinawordorbyteaccordingtotheuserin-
putpattern.
The"PROGRAM/ERASEHIGHVOLTAGE"blockcomprisesthecircuitstogenerateanddeliverthenecessary
highvoltagetotheX-DECODER,FLASHARRAY,and"PGMDATAHV"blocks.Thelogiccontrolmodulecom-
prises of the "WRITE STATE MACHINE, WSM", "STATE REGISTER", "COMMAND DATA DECODER", and
"COMMANDDATALATCH".WhentheuserissuesacommandbytogglingWE#,thecommandonQ0-Q15/A-1
islatchedintheCOMMANDDATALATCHandisdecodedbytheCOMMANDDATADECODER.TheSTATE
REGISTERreceivesthecommandandrecordsthecurrentstateofthedevice.TheWSMimplementsthein-
ternalalgorithmsforprogramoreraseaccordingtothecurrentcommandstatebycontrollingeachblockinthe
blockdiagram.
ARRAY ARCHITECTURE
ThemainflashmemoryarraycanbeorganizedasBytemode(x8)orWordmode(x16).Thedetailsofthead-
dressrangesandthecorrespondingsectoraddressesareshowninTable 1.


Similar Part No. - MX29GL128ELXFI90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29GL128ELXFI90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com