Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL128ELXFI90G Datasheet(PDF) 3 Page - Macronix International

Part # MX29GL128ELXFI90G
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128ELXFI90G Datasheet(HTML) 3 Page - Macronix International

  MX29GL128ELXFI90G Datasheet HTML 1Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 2Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 3Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 4Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 5Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 6Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 7Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 8Page - Macronix International MX29GL128ELXFI90G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
P/N:PM1500
REV. 1.8, NOV. 13, 2013
MX29GL128E
PIN CONFIGURATION
56 TSOP
64 FBGA/64 LFBGA
A
B
C
D
E
F
G
H
NC
8
7
6
5
4
3
2
1
A22
NC
VIO
NC
NC
NC
A13
A12
A14
A15
A16
BYTE#
Q15/
A-1
A9
A8
A10
A11
Q7
Q14
Q13
Q6
WE#
A21
A19
RES-
ET#
Q5
Q12
VCC
Q4
WP#/
ACC
A18
A20
Q2
Q10
Q11
RY/
BY#
A7
A17
A6
A5
Q0
Q8
Q9
Q1
Q3
A3
A4
A2
A1
A0
CE#
OE#
GND
GND
GND
NC
NC
NC
NC
NC
VIO
NC
NC
NC
A22
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
NC
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
NC
VI/O
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - MX29GL128ELXFI90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29GL128ELXFI90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com