Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29GL128E Datasheet(PDF) 4 Page - Macronix International

Part # MX29GL128E
Description  SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL128E Datasheet(HTML) 4 Page - Macronix International

  MX29GL128E_14 Datasheet HTML 1Page - Macronix International MX29GL128E_14 Datasheet HTML 2Page - Macronix International MX29GL128E_14 Datasheet HTML 3Page - Macronix International MX29GL128E_14 Datasheet HTML 4Page - Macronix International MX29GL128E_14 Datasheet HTML 5Page - Macronix International MX29GL128E_14 Datasheet HTML 6Page - Macronix International MX29GL128E_14 Datasheet HTML 7Page - Macronix International MX29GL128E_14 Datasheet HTML 8Page - Macronix International MX29GL128E_14 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
4
P/N:PM1500
REV. 1.8, NOV. 13, 2013
MX29GL128E
70 SSOP
PIN DESCRIPTION
SYMBOL PIN NAME
A0~A22 AddressInput
Q0~Q14 DataInputs/Outputs
Q15/A-1 Q15(WordMode)/LSBaddr(ByteMode)
CE#
ChipEnableInput
WE#
WriteEnableInput
OE#
OutputEnableInput
RESET# HardwareResetPin,ActiveLow
WP#/ACC* Hardware Write Protect/Programming
Accelerationinput
RY/BY# Ready/BusyOutput
BYTE#
Selects8bitsor16bitsmode
VCC
+3.0Vsinglepowersupply
GND
DeviceGround
NC
PinNotConnectedInternally
VI/O
PowerSupplyforInput/Output
LOGIC SYMBOL
16 or 8
Q0-Q15
(A-1)
RY/BY#
A0-A22
CE#
OE#
WE#
RESET#
WP#/ACC
BYTE#
VI/O
23
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
A20
A21
A18
A17
OE#
A6
A5
A4
A3
A2
A1
A0
BYTE#
GND
NC
NC
NC
NC
NC
NC
GND
NC
CE#
GND
NC
A7
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
NC
A19
A8
A15
A10
A11
A12
A13
A14
A9
A16
WE#
NC
A22
NC
GND
NC
NC
WP#/ACC
NC
NC
NC
GND
RESET#
GND
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
VCC
Notes:
1.WP#/ACChasinternalpullup.
2.ForMX29GL128EH/LVI/OvoltagemusttightwithVCC.
VI/O=VCC=2.7V~3.6V.


Similar Part No. - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29GL128E_14

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128F MCNIX-MX29GL128F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL128E MCNIX-MX29GL128E Datasheet
2Mb / 78P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL256F MCNIX-MX29GL256F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640EH-L MCNIX-MX29GL640EH-L Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL320E MCNIX-MX29GL320E Datasheet
1Mb / 77P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ET-B MCNIX-MX29GL640ET-B Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800C MCNIX-MX29LV800C Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com