Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3B-06PA-2DSA(71) Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A3B-06PA-2DSA(71)
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3B-06PA-2DSA(71) Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A3B-06PA-2DSA(71) Datasheet HTML 4Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 5Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 6Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 7Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 8Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 9Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 10Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 11Page - List of Unclassifed Manufacturers A3B-06PA-2DSA(71) Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
C17
A3 • A4 Series
2mm Pitch Miniature Connector
BPCB mounting pattern
■Receptacle
KA3C Type
Part Number
A3C-04DA-2DSA(71)
A3C-04DA-2DSC(71)
A3C-06DA-2DSA(71)
A3C-06DA-2DSC(71)
A3C-08DA-2DSA(71)
A3C-08DA-2DSC(71)
A3C-10DA-2DSA(71)
A3C-10DA-2DSC(71)
A3C-12DA-2DSA(71)
A3C-12DA-2DSC(71)
A3C-14DA-2DSA(71)
A3C-14DA-2DSC(71)
A3C-16DA-2DSA(71)
A3C-16DA-2DSC(71)
A3C-18DA-2DSA(71)
A3C-18DA-2DSC(71)
CL No.
621-0501-6-71
621-0531-7-71
621-0502-9-71
621-0532-0-71
621-0503-1-71
621-0533-2-71
621-0504-4-71
621-0534-5-71
621-0505-7-71
621-0535-8-71
621-0506-0-71
621-0536-0-71
621-0507-2-71
621-0537-3-71
621-0508-5-71
621-0538-6-71
Number of Contacts
A
B
4
6
8
10
12
14
16
18
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
C RoHS
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
YES
Part Number
A3C-20DA-2DSA(71)
A3C-20DA-2DSC(71)
A3C-24DA-2DSA(71)
A3C-24DA-2DSC(71)
A3C-24DA-2DSE(71)
A3C-28DA-2DSA(71)
A3C-28DA-2DSC(71)
A3C-32DA-2DSA(71)
A3C-32DA-2DSC(71)
A3C-32DA-2DSE(71)
A3C-50DA-2DSA(71)
A3C-50DA-2DSC(71)
A3C-50DA-2DSE(71)
CL No.
621-0509-8-71
621-0539-9-71
621-0511-0-71
621-0541-0-71
621-0571-1-71
621-0513-5-71
621-0543-6-71
621-0515-0-71
621-0545-1-71
621-0575-2-71
621-0524-1-71
621-0554-2-71
621-0584-3-71
Number of Contacts
A
B
24.0
32.0
50.0
28.0
20.0
24
32
50
28
20
22.0
30.0
48.0
26.0
18.0
C RoHS
3.00
2.00
3.00
2.00
1.27
3.00
2.00
3.00
2.00
1.27
3.00
2.00
1.27
YES
Unit: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3B-06PA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-06PA-2DSA(71) HIROSE-A3B-06PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-06PA-2DSA(71)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com