Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25U25635FZ2I10G Datasheet(PDF) 8 Page - Macronix International

Part # MX25U25635FZ2I10G
Description  1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U25635FZ2I10G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25U25635FZ2I10G Datasheet HTML 4Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 5Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 6Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 7Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 8Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 9Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 10Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 11Page - Macronix International MX25U25635FZ2I10G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
8
MX25U25635F
REV. 1.2, NOV. 28, 2013
P/N: PM1712
5. BLOCK DIAGRAM
Address
Generator
Memory Array
Page Buffer
Y-Decoder
Data
Register
SRAM
Buffer
SI/SIO0
SCLK
SO/SIO1
Clock Generator
State
Machine
Mode
Logic
Sense
Amplifier
HV
Generator
Output
Buffer
CS#
WP#/SIO2
RESET#/SIO3


Similar Part No. - MX25U25635FZ2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U25643G MCNIX-MX25U25643G Datasheet
1Mb / 113P
   1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.0, October 08, 2020
MX25U25643GZNI00 MCNIX-MX25U25643GZNI00 Datasheet
1Mb / 113P
   1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.0, October 08, 2020
More results

Similar Description - MX25U25635FZ2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U25643G MCNIX-MX25U25643G Datasheet
1Mb / 113P
   1.8V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.0, October 08, 2020
MX25L25735F MCNIX-MX25L25735F Datasheet
1Mb / 96P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L25606F GENERALPLUS-GPR25L25606F Datasheet
1Mb / 73P
   3V, 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25U6435E MCNIX-MX25U6435E Datasheet
1Mb / 83P
   64M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U8035E MCNIX-MX25U8035E Datasheet
1Mb / 81P
   8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX66U51235F MCNIX-MX66U51235F Datasheet
1Mb / 96P
   1.8V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U8033E MCNIX-MX25U8033E Datasheet
1Mb / 70P
   8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U12873F MCNIX-MX25U12873F Datasheet
1Mb / 90P
   1.8V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.2, September 05, 2017
MX25U1632F MCNIX-MX25U1632F Datasheet
3Mb / 96P
   1.8V 16M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
Rev. 1.1, December 14, 2022
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com