Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ8330GLL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ8330GLL
Description  MAZ8xxxG Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8330GLL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ8330GLL Datasheet HTML 1Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 2Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 3Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 4Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 5Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 6Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 7Page - Panasonic Semiconductor MAZ8330GLL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAZ8xxxG Series
2
SKE00032DED
This product complies with RoHS Directive (EU 2002/95/EC).
Electrical Characteristics within Part Numbers Ta = 25°C±3°C
Part number
Zener voltage
VZ (V)
Reverse
current
IR ( mA)
Zener
operating
resistance
RZ (W)
Zener rise
operating
resistance
RZK (W)
Temperature
coefficient of
zener voltage
SZ (mV/°C)
Marking symbol
IZ
(mA)
VR
(V)
IZ
(mA)
IZ
(mA)
IZ
(mA)
Min
Typ
Max
Max
Max
Max
Typ
MAZ8024G0L
2.28
2.40
2.60
5
120
1.0
100
5
–1.6
5
2.4
MAZ8027G0L
2.50
2.70
2.90
5
120
1.0
110
5
–2.0
5
2_7 or 2^7
MAZ8027GLL
2.50
2.60
2.75
2_7
MAZ8027GHL
2.65
2.80
2.90
2^7
MAZ8030G0L
2.80
3.00
3.20
5
50
1.0
120
5
–2.1
5
3_0 or 3^0
MAZ8030GLL
2.80
2.90
3.05
3_0
MAZ8030GHL
2.95
3.10
3.20
3^0
MAZ8033G0L
3.10
3.30
3.50
5
20
1.0
130
5
–2.4
5
3_3 or 3^3
MAZ8033GLL
3.10
3.20
3.35
3_3
MAZ8033GHL
3.25
3.40
3.50
3^3
MAZ8036G0L
3.40
3.60
3.80
5
10
1.0
130
5
–2.4
5
3_6 or 3^6
MAZ8036GLL
3.40
3.50
3.65
3_6
MAZ8036GHL
3.55
3.70
3.80
3^6
MAZ8039G0L
3.70
3.90
4.10
5
10
1.0
130
5
–2.5
5
3_9 or 3^9
MAZ8039GLL
3.70
3.80
3.97
3_9
MAZ8039GHL
3.87
4.00
4.10
3^9
MAZ8043G0L
4.00
4.30
4.60
5
10
1.0
130
5
–2.5
5
4_3, 4-3 or 4^3
MAZ8043GLL
4.03
4.10
4.26
4_3
MAZ8043GML
4.17
4.30
4.40
4-3
MAZ8043GHL
4.31
4.40
4.54
4^3
MAZ8047G0L
4.40
4.70
5.00
5
2.0
1.0
80
5
800
1.0
–1.4
5
4_7, 4-7 or 4^7
MAZ8047GLL
4.45
4.60
4.69
4_7
MAZ8047GML
4.59
4.70
4.83
4-7
MAZ8047GHL
4.74
4.90
4.99
4^7
MAZ8051G0L
4.80
5.10
5.40
5
1.0
2.0
60
5
500
1.0
– 0.8
5
5_1, 5-1 or 5^1
MAZ8051GLL
4.87
5.00
5.12
5_1
MAZ8051GML
5.00
5.10
5.26
5-1
MAZ8051GHL
5.14
5.30
5.40
5^1
MAZ8056G0L
5.30
5.60
6.00
5
0.5
2.5
40
5
200
0.5
1.2
5
5_6, 5-6 or 5^6
MAZ8056GLL
5.30
5.40
5.58
5_6
MAZ8056GML
5.48
5.60
5.76
5-6
MAZ8056GHL
5.66
5.80
5.95
5^6
MAZ8062G0L
5.80
6.20
6.60
5
0.2
4.0
30
5
100
0.5
2.3
5
6_2, 6-2 or 6^2
MAZ8062GLL
5.85
6.00
6.15
6_2
MAZ8062GML
6.05
6.20
6.36
6-2
MAZ8062GHL
6.24
6.40
6.56
6^2
MAZ8068G0L
6.40
6.80
7.20
5
0.1
4.0
20
5
60
0.5
3
5
6_8, 6-8 or 6^8
MAZ8068GLL
6.44
6.60
6.77
6_8
MAZ8068GML
6.64
6.80
6.98
6-8
MAZ8068GHL
6.85
7.00
7.20
6^8


Similar Part No. - MAZ8330GLL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8330 PANASONIC-MAZ8330 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8330 PANASONIC-MAZ8330 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8330-H PANASONIC-MAZ8330-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8330-L PANASONIC-MAZ8330-L Datasheet
69Kb / 5P
   Silicon planar type
MAZ8330-M PANASONIC-MAZ8330-M Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8330GLL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com