Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25U1001EOI14G Datasheet(PDF) 6 Page - Macronix International

Part # MX25U1001EOI14G
Description  512K-BIT [x 1/x 4] CMOS MXSMIO??SERIAL FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U1001EOI14G Datasheet(HTML) 6 Page - Macronix International

Back Button MX25U1001EOI14G Datasheet HTML 2Page - Macronix International MX25U1001EOI14G Datasheet HTML 3Page - Macronix International MX25U1001EOI14G Datasheet HTML 4Page - Macronix International MX25U1001EOI14G Datasheet HTML 5Page - Macronix International MX25U1001EOI14G Datasheet HTML 6Page - Macronix International MX25U1001EOI14G Datasheet HTML 7Page - Macronix International MX25U1001EOI14G Datasheet HTML 8Page - Macronix International MX25U1001EOI14G Datasheet HTML 9Page - Macronix International MX25U1001EOI14G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
MX25U5121E
MX25U1001E
P/N: PM1980
REV. 0.00, OCT. 11, 2013
ADVANCED INFORMATION
3. PIN CONFIGURATIONS
4. PIN DESCRIPTION
8-PIN TSSOP (173mil)
SYMBOL
DESCRIPTION
CS#
Chip Select
SI/SIO0
Serial Data Input or Serial Data
Input/Output for 2 x I/O read mode
and 4 x I/O read mode
SO/SIO1
Serial Data Output or Serial Data
Input/Output for 2 x I/O read mode
and 4 x I/O read mode
SCLK
Clock Input
HOLD#/SIO3
Pause the chip without diselecting the
chip or Serial Data Input/Output for
4 x I/O read mode
WP#/SIO2
Hardware write protection or Serial
Data Input/Output for 4 x I/O read
mode
VCC
+1.8VPowerSupply
GND
Ground
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
VCC
HOLD#/SIO3
SCLK
SI/SIO0
8
7
6
5
8-PIN SOP (150mil)
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
VCC
HOLD#/SIO3
SCLK
SI/SIO0
8
7
6
5
8-LAND USON (2x3mm)
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
8
7
6
5
VCC
HOLD#/SIO3
SCLK
SI/SIO0


Similar Part No. - MX25U1001EOI14G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835FM2I-10G MCNIX-MX25U12835FM2I-10G Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835FMI10G MCNIX-MX25U12835FMI10G Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835FZ2I10G MCNIX-MX25U12835FZ2I10G Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
More results

Similar Description - MX25U1001EOI14G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3239E MCNIX-MX25L3239E Datasheet
1Mb / 92P
   32M-BIT [x 1 / x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L512EZUI-10G MCNIX-MX25L512EZUI-10G Datasheet
1Mb / 91P
   512K-BIT [x 1/x 2] CMOS SERIAL NOR FLASH MEMORY
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L8073E MCNIX-MX25L8073E Datasheet
2Mb / 64P
   8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L1633E MCNIX-MX25L1633E Datasheet
1Mb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com