Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25U2033EZUI12G Datasheet(PDF) 8 Page - Macronix International

Part # MX25U2033EZUI12G
Description  2M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25U2033EZUI12G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25U2033EZUI12G Datasheet HTML 4Page - Macronix International MX25U2033EZUI12G Datasheet HTML 5Page - Macronix International MX25U2033EZUI12G Datasheet HTML 6Page - Macronix International MX25U2033EZUI12G Datasheet HTML 7Page - Macronix International MX25U2033EZUI12G Datasheet HTML 8Page - Macronix International MX25U2033EZUI12G Datasheet HTML 9Page - Macronix International MX25U2033EZUI12G Datasheet HTML 10Page - Macronix International MX25U2033EZUI12G Datasheet HTML 11Page - Macronix International MX25U2033EZUI12G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
MX25U2033E
8
P/N: PM1743
REV. 1.3, NOV. 14, 2013
2. PIN CONFIGURATIONS
3. PIN DESCRIPTION
8-LAND USON (4x4mm)
8-PIN SOP (150mil)
SYMBOL
DESCRIPTION
CS#
Chip Select
SI/SIO0
Serial Data Input (for 1 x I/O)/ Serial
Data Input & Output (for 2xI/O or 4xI/
O read mode)
SO/SIO1
Serial Data Output (for 1 x I/O)/ Serial
Data Input & Output (for 2xI/O or 4xI/
O read mode)
SCLK
Clock Input
WP#/SIO2
Hardware write protection: connect to
GND or Serial Data Input & Output (for
4x I/O read mode)
HOLD#/SIO3
To pause the device without
deselecting the device or Serial Data
Input & Output (for 4x I/O read mode)
VCC
+ 1.8V Power Supply
GND
Ground
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
VCC
HOLD#/SIO3
SCLK
SI/SIO0
8
7
6
5
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
8
7
6
5
VCC
HOLD#/SIO3
SCLK
SI/SIO0
8-LAND WSON (6x5mm)
1
2
3
4
CS#
SO/SIO1
WP#/SIO2
GND
8
7
6
5
VCC
HOLD#/SIO3
SCLK
SI/SIO0


Similar Part No. - MX25U2033EZUI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U2033EZUI-12G MCNIX-MX25U2033EZUI-12G Datasheet
1Mb / 69P
   DATASHEET
More results

Similar Description - MX25U2033EZUI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U3235F MCNIX-MX25U3235F Datasheet
1Mb / 90P
   1.8V 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U12835F MCNIX-MX25U12835F Datasheet
1Mb / 96P
   1.8V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U1635E MCNIX-MX25U1635E Datasheet
1Mb / 87P
   16M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U3235E MCNIX-MX25U3235E Datasheet
1Mb / 86P
   32M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U4033E MCNIX-MX25U4033E Datasheet
842Kb / 68P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25U6435F MCNIX-MX25U6435F Datasheet
1Mb / 92P
   1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L1673E MCNIX-MX25L1673E Datasheet
992Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L3275E MCNIX-MX25L3275E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com