Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L25835EMI10G Datasheet(PDF) 9 Page - Macronix International

Part # MX25L25835EMI10G
Description  256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L25835EMI10G Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L25835EMI10G Datasheet HTML 5Page - Macronix International MX25L25835EMI10G Datasheet HTML 6Page - Macronix International MX25L25835EMI10G Datasheet HTML 7Page - Macronix International MX25L25835EMI10G Datasheet HTML 8Page - Macronix International MX25L25835EMI10G Datasheet HTML 9Page - Macronix International MX25L25835EMI10G Datasheet HTML 10Page - Macronix International MX25L25835EMI10G Datasheet HTML 11Page - Macronix International MX25L25835EMI10G Datasheet HTML 12Page - Macronix International MX25L25835EMI10G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
9
MX25L25835E
P/N: PM1737
REV. 1.0, NOV. 29, 2011
Memory Organization
6.
Table 2. Memory Organization
Block(32K-byte)
Sector
4095
FFF000h
FFFFFFh
4088
FF8000h
FF8FFFh
4087
FF7000h
FF7FFFh
4080
FF0000h
FF0FFFh
4079
FEF000h
FEFFFFh
4072
FE8000h
FE8FFFh
4071
FE7000h
FE7FFFh
4064
FE0000h
FE0FFFh
31
01F000h
01FFFFh
24
018000h
018FFFh
23
017000h
017FFFh
16
010000h
010FFFh
15
00F000h
00FFFFh
8
008000h
008FFFh
7
007000h
007FFFh
0
000000h
000FFFh
508
Address Range
511
510
509
individual block
lock/unlock unit:64K-byte
individual 16 sectors
lock/unlock unit:4K-byte
individual block
lock/unlock unit:64K-byte
128Mb
Flash
Memory
with CS#1
individual block
lock/unlock unit:64K-byte
Block(64K-byte)
1
0
255
254
0
3
2
1
individual 16 sectors
lock/unlock unit:4K-byte
Block(32K-byte)
Sector
4095
FFF000h
FFFFFFh
4088
FF8000h
FF8FFFh
4087
FF7000h
FF7FFFh
4080
FF0000h
FF0FFFh
4079
FEF000h
FEFFFFh
4072
FE8000h
FE8FFFh
4071
FE7000h
FE7FFFh
4064
FE0000h
FE0FFFh
31
01F000h
01FFFFh
24
018000h
018FFFh
23
017000h
017FFFh
16
010000h
010FFFh
15
00F000h
00FFFFh
8
008000h
008FFFh
7
007000h
007FFFh
0
000000h
000FFFh
508
Address Range
511
510
509
individual block
lock/unlock unit:64K-byte
individual 16 sectors
lock/unlock unit:4K-byte
individual block
lock/unlock unit:64K-byte
128Mb
Flash
Memory
with CS#2
individual block
lock/unlock unit:64K-byte
Block(64K-byte)
1
0
255
254
0
3
2
1
individual 16 sectors
lock/unlock unit:4K-byte


Similar Part No. - MX25L25835EMI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635EMI12G MCNIX-MX25L25635EMI12G Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635EZNI12G MCNIX-MX25L25635EZNI12G Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635F MCNIX-MX25L25635F Datasheet
1Mb / 105P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O)
MX25L25635FMI10G MCNIX-MX25L25635FMI10G Datasheet
1Mb / 105P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O)
More results

Similar Description - MX25L25835EMI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735E MCNIX-MX25L25735E Datasheet
1Mb / 71P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12836E MCNIX-MX25L12836E Datasheet
1Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L3236D MCNIX-MX25L3236D Datasheet
2Mb / 51P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12865E MCNIX-MX25L12865E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com