Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L25735EZNI12G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L25735EZNI12G
Description  256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L25735EZNI12G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L25735EZNI12G Datasheet HTML 7Page - Macronix International MX25L25735EZNI12G Datasheet HTML 8Page - Macronix International MX25L25735EZNI12G Datasheet HTML 9Page - Macronix International MX25L25735EZNI12G Datasheet HTML 10Page - Macronix International MX25L25735EZNI12G Datasheet HTML 11Page - Macronix International MX25L25735EZNI12G Datasheet HTML 12Page - Macronix International MX25L25735EZNI12G Datasheet HTML 13Page - Macronix International MX25L25735EZNI12G Datasheet HTML 14Page - Macronix International MX25L25735EZNI12G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
11
MX25L25735E
P/N: PM1586
REV. 1.2, FEB. 10, 2012
II. Additional 4K-bit secured OTP for unique identifier: to provide 4K-bit One-Time Program area for setting de-
vice unique serial number - Which may be set by factory or system maker. Please refer to Table 3. 4K-bit Se-
cured OTP Definition.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 4K-bit secured OTP by entering 4K-bit secured OTP mode (with ENSO command), and going
through normal program procedure, and then exiting 4K-bit secured OTP mode by writing EXSO command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register)
command to set customer lock-down bit1 as "1". Please refer to table of "Security Register Definition" for secu-
rity register bit definition and table of "4K-bit Secured OTP Definition" for address range definition.
- Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 4K-bit Se-
cured OTP mode, array access is not allowed.
Table 3. 4K-bit Secured OTP Definition
Table 2. Protected Area Sizes
Note: The device is ready to accept a Chip Erase instruction if, and only if, all Block Protect (BP3, BP2, BP1, BP0) are 0.
Address range
Size
Standard Factory Lock
Customer Lock
xxx000~xxx00F
128-bit
ESN (electrical serial number)
Determined by customer
xxx010~xxx1FF
3968-bit
N/A
Status bit
Protection Area
BP3
BP2
BP1
BP0 256Mb
0
0
0
0
0 (none)
0
0
0
1
1 (2 blocks, block 510th-511th)
0
0
1
0
2 (4 blocks, block 508th-511th)
0
0
1
1
3 (8 blocks, block 504th-511th)
0
1
0
0
4 (16 blocks, block 496th-511th)
0
1
0
1
5 (32 blocks, block 480th-511th)
0
1
1
0
6 (64 blocks, block 448nd-511th)
0
1
1
1
7 (128 blocks, block 384th-511th)
1
0
0
0
8 (256 blocks, block 256th-511th)
1
0
0
1
9 (512 blocks, all)
1
0
1
0
10 (512 blocks, all)
1
0
1
1
11 (512 blocks, all)
1
1
0
0
12 (512 blocks, all)
1
1
0
1
13 (512 blocks, all)
1
1
1
0
14 (512 blocks, all)
1
1
1
1
15 (512 blocks, all)


Similar Part No. - MX25L25735EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L25735F MCNIX-MX25L25735F Datasheet
1Mb / 96P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735FMI10G MCNIX-MX25L25735FMI10G Datasheet
1Mb / 96P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735FZ2I10G MCNIX-MX25L25735FZ2I10G Datasheet
1Mb / 96P
   3V 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L25735EZNI12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25835E MCNIX-MX25L25835E Datasheet
2Mb / 85P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12836E MCNIX-MX25L12836E Datasheet
1Mb / 69P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L3236D MCNIX-MX25L3236D Datasheet
2Mb / 51P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12865E MCNIX-MX25L12865E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com