Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ8150GHL Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MAZ8150GHL
Description  MAZ8xxxG Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8150GHL Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MAZ8150GHL Datasheet HTML 1Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 2Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 3Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 4Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 5Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 6Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 7Page - Panasonic Semiconductor MAZ8150GHL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAZ8xxxG Series
SKE00032DED
5
This product complies with RoHS Directive (EU 2002/95/EC).
IZ  VZ
IZ  VZ
RZ  IZ
0
0
200
160
120
80
40
50
100
150
200
250
Ambient temperature Ta (°C)
Heat sink
Copper foil
0.8 mm × 0.8 mm
10−3
0
2
4
6
8
10
12
10−2
10−1
1
10
102
Zener voltage VZ (V)
Ta = 25°C
Static
Charac-
teristics
0
10
20
30
40
50
60
Zener voltage VZ (V)
10−3
10−2
10−1
1
10
102
Ta = 25°C
Static
Charac-
teristics
0
2
4
6
8
10
12
Zener voltage VZ (V)
10−3
10−2
10−1
1
10
102
Tj = 25°C
Dynamic
Charac-
teristics
0
10
20
30
40
50
60
Zener voltage VZ (V)
10−3
10−2
10−1
1
10
102
Tj = 25°C
Dynamic
Charac-
teristics
1
10
102
103
10−1
1
102
10
103
Zener current IZ (mA)
Ta = 25°C
MAZ8047G
MAZ8039G
MAZ8051G
MAZ8056G
MAZ8062G
MAZ8068G
MAZ8160G
MAZ8390G
MAZ8024G
MAZ8100G
MAZ8082G
MAZ8043G
IF  VF
SZ  IZ
10−2
0
0.2
0.4
0.6
1.0
0.8
1.2
10−1
1
10
102
Forward voltage VF (V)
Ta = 25°C
15
5
5
20
25
0
10
0
10
20
40
50
30
Zener current IZ (mA)
MAZ8240G
MAZ8160G
MAZ8100G
MAZ8068G
MAZ8039G
MAZ8024G
PT  Ta
IZ  VZ
IZ  VZ


Similar Part No. - MAZ8150GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8150 PANASONIC-MAZ8150 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8150-H PANASONIC-MAZ8150-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8150-L PANASONIC-MAZ8150-L Datasheet
69Kb / 5P
   Silicon planar type
MAZ8150-M PANASONIC-MAZ8150-M Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8150GHL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com