Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C022PI-25TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24C022PI-25TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C022PI-25TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C022PI-25TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C022PI-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
24C1601 BLOCK
CAT24C161/162(16K), CAT24C081/082(8K)
CAT24C041/042(4K), CAT24C021/022(2K)
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
DESCRIPTION
The CAT24CXXX is a single chip solution to three
popular functions of EEPROM memory, precision reset
controller and watchdog timer. The 24C161/162(16K),
24C081/082(8K), 24C041/042(4K) and 24C021/022(2K)
feature a I2C Serial CMOS EEPROM. Catalyst's ad-
vanced CMOS technology substantially reduces device
power requirements. The 24CXXX features a 16-byte
page and is available in 8-pin DIP or 8-pin SOIC packages.
The reset function of the 24CXXX protects the system
during brown out and power up/down conditions. During
system failure the watchdog timer feature protects the
microcontroller with a reset signal. 24CXXX features
active low reset on pin 2 and active high reset on pin 7.
24CXX1 features watchdog timer on the SDA line.
24CXX2 does not feature the watchdog timer function.
Pin Name
Function
SDA
Serial Data/Address
RESET/
RESET
Reset I/O
SCL
Clock Input
Vcc
Power Supply
DC
Do Not Connect
VSS
Ground
WP
Write Protect
PIN FUNCTIONS
PIN CONFIGURATION
24CXX1/XX2*
BLOCK DIAGRAM
*All products offered in P and J packages
Advanced
FEATURES
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SDA
RESET Controller
High
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
Only for
24C161
RESET/
RESET
WATCHDOG
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
s Watchdog Timer on SDA for 24CXX1
s Programmable Reset Threshold
s 400 KHz I2C Bus Compatible
s 2.7 to 6 Volt Operation
s Low Power CMOS Technology
s 16 - Byte Page Write Buffer
s Built-in inadvertent write protection
— VCC Lock Out
s
Active High or Low Reset Outputs
— Precision Power Supply Voltage Monitoring
— 5V, 3.3V and 3V options
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
s 8-Pin DIP or 8-Pin SOIC
s Commercial, Industrial and Automotive
Temperature Ranges
Doc. No. 25079-00 1/98 M-1
DC
VCC
RESET
SCL
SDA
RESET
WP
VSS


Similar Part No. - CAT24C022PI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C022PI-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com