Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9912EKA-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9912EKA-T
Description  200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9912EKA-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9912EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9912EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 1.8V to 5.5V, VSS = 0V, VCM = 0V, VOUT = VDD / 2, RL =
∞ connected to VDD / 2, SHDN_ = VDD, TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 1.8V to 3.6V, MAX9911/MAX9913
0.4
SHDN_ Logic Low
VIL
VDD = 3.6V to 5.5V, MAX9911/MAX9913
0.8
V
VDD = 1.8V to 3.6V, MAX9911/MAX9913
1.4
SHDN_ Logic High
VIH
VDD = 3.6V to 5.5V, MAX9911/MAX9913
2
V
IIL
SHDN_ = VSS, MAX9911/MAX9913 (Note 2)
1
SHDN_ Input Bias Current
IIH
SHDN_ = VDD , MAX9911/MAX9913
500
nA
Output Leakage in Shutdown
IOUT(SHDN_)
SHDN_ = VSS, VOUT = 0V to VDD,
MAX9911/MAX9913
1
500
nA
Gain-Bandwidth Product
200
kHz
Slew Rate
0.1
V/µs
AV = 1V/V
30
AV = 10V/V
250
RL = 5k
Ω, AV = 1V/V
200
Capacitive-Load Stability (See
the Driving Capacitive Loads
Section)
CLOAD
No sustained
oscillations
RISO = 1k
Ω, AV = 1V/V
100
pF
Input Voltage-Noise Density
f = 1kHz
400
nV/
√Hz
Input Current-Noise Density
f = 1kHz
0.001
pA/
√Hz
Settling Time
To 0.1%, VOUT = 2V step, AV = -1V/V
18
µs
Delay Time to Shutdown
tSH
IDD = 5% of normal operation,
VDD = 5.5V, VSHDN_ = 5.5V to 0 step
2µs
Delay Time to Enable
tEN
VOUT = 2.7V, VOUT settles to 0.1%,
VDD = 5.5V, VSHDN_ = 0 to 5.5V step
30
µs
Power-Up Time
VDD = 0 to 5.5V step
5
µs
ELECTRICAL CHARACTERISTICS
(VDD = 1.8V to 5.5V, VSS = 0V, VCM = 0V, VOUT = VDD /2, RL =
∞ connected to VDD / 2, SHDN_ = VDD, TA = -40°C to +85°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
1.8
5.5
V
MAX9910/MAX9911
5.5
Supply Current
IDD
MAX9912/MAX9913
VDD = 5.5V
11
µA
Shutdown Supply Current
IDD(SHDN_)
SHDN_ = GND, MAX9911/MAX9913
1
µA
Input Offset Voltage
VOS
±5mV
Input-Offset-Voltage
Temperature Coefficient
TCVOS
±5
µV/°C


Similar Part No. - MAX9912EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9912EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com