Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9912EKAT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9912EKAT
Description  200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9912EKAT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9912EKAT Datasheet HTML 6Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 7Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 8Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 9Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 10Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 11Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 12Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 13Page - Maxim Integrated Products MAX9912EKAT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
10
______________________________________________________________________________________
rejection ratio of 95dB (typ) allows the devices to be
powered directly from a battery, simplifying design and
extending battery life.
Power-Up Settling Time
The MAX9910–MAX9913 typically require 5µs after
power-up. Supply settling time depends on the supply
voltage, the value of the bypass capacitor, the output
impedance of the incoming supply, and any lead resis-
tance or inductance between components. Op-amp
settling time depends primarily on the output voltage
and is slew-rate limited. Figure 3 shows the MAX991_ in
a noninverting voltage follower configuration with the
input held at midsupply. The output settles in approxi-
mately 18µs for VDD = 3V (see the Typical Operating
Characteristics for power-up settling time).
Shutdown Mode
The MAX9911/MAX9913 feature active-low shutdown
inputs. The MAX9911/MAX9913 enter shutdown in 2µs
(typ) and exit in 30µs (typ). The amplifiers’ outputs are
in a high-impedance state in shutdown mode. Drive
SHDN low to enter shutdown. Drive SHDN high to
enable the amplifier. The MAX9913 dual-amplifier fea-
tures separate shutdown inputs. Shut down both ampli-
fiers for the lowest quiescent current.
Power-Supply Bypassing and Layout
To minimize noise, bypass VDD with a 0.1µF capacitor
to ground, as close to the pin as possible.
Good layout techniques optimize performance
by decreasing the amount of stray capacitance and
inductance to the op amps’ inputs and outputs.
Minimize stray capacitance and inductance by placing
external components close to the IC.
Figure 1. Rail-to-Rail Output Voltage Range
RAIL-TO-RAIL OUTPUT VOLTAGE RANGE
200
µs/div
IN_
3V
3V
0V
0V
1V/div
OUT_
1V/div
Figure 2. Using a Resistor to Isolate a Capacitive Load from
the Op Amp
MAX9910–
MAX9913
RISO
CL
RL
AV =
≈ 1V/V
RL
RL + RISO
Figure 3. Power-Up Test Configuration
MAX991_
100k
100k
OUT
IN-
IN+
0V
5.5V
VDD
VSS


Similar Part No. - MAX9912EKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9912EKA+T MAXIM-MAX9912EKA+T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9912EKA+T MAXIM-MAX9912EKA+T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9912EKA-T MAXIM-MAX9912EKA-T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9912EKAT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com