Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13411EESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13411EESA
Description  RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13411EESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13411EESA Datasheet HTML 1Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 2Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 3Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 4Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 5Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 6Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 7Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 8Page - Maxim Integrated Products MAX13411EESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RS-485 Transceiver with Integrated Low-Dropout
Regulator and AutoDirection Control
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Enable to Output High
tDZH
S2 closed, Figure 4,
RL = 500
Ω, CL = 100pF
2500
ns
Driver Enable to Output Low
tDZL
S1 closed, Figure 4,
RL = 500
Ω, CL = 100pF
2500
ns
Driver Disable from Output High
tDHZ
S2 closed, Figure 4,
RL = 500
Ω, CL = 100pF
100
ns
Driver Disable from Output Low
tDLZ
S1 closed, Figure 4,
RL = 500
Ω, CL = 100pF
100
ns
Time to Shutdown
tSHDN
50
340
700
ns
RECEIVER
tRPLH
200
Receiver Propagation Delay
tRPHL
CL = 15pF (at RO), Figures 5 and 6
200
ns
Receiver Output Skew
tRSKEW
CL = 15pF (at RO), Figures 5 and 6
30
ns
Maximum Data Rate
fMAX
500
kbps
Receiver Enable to Output High
tRZH
S2 closed, Figure 7, CL = 15pF
50
ns
Receiver Enable to Output Low
tRZL
S1 closed, Figure 7, CL = 15pF
50
ns
Receiver Disable Time from High
tRZH
S2 closed, Figure 7, CL = 15pF
50
ns
Receiver Disable Time from Low
tRLZ
S1 closed, Figure 7, CL = 15pF
50
ns
Receiver Enable from Shutdown to
Output High
tRZH(SHDN) S2 closed, Figure 7, CL = 15pF
14
µs
Receiver Enable from Shutdown to
Output Low
tRZL(SHDN) S1 closed, Figure 7, CL = 15pF
3.5
µs
SWITCHING CHARACTERISTICS–MAX13411E
(VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
tDPLH
50
Driver Propagation Delay
tDPHL
RDIFF = 54
Ω, CL = 50pF, Figures 2a
and 3a
50
ns
tHL
15
Driver Differential Output
Rise or Fall Time
tLH
RDIFF = 54
Ω, CL = 50pF, Figures 2a
and 3a
15
ns
Driver Differential Output Skew
|tDPLH - tDPHL|
tDSKEW
RDIFF = 54
Ω, CL = 50pF, Figures 2a
and 3a
8ns
Maximum Data Rate
fMAX
16
Mbps
Driver Enable from Shutdown to
Output High
tDZH(SHDN)
S2 closed, Figure 4,
RL = 500
Ω, CL = 100pF
11
µs
Driver Enable from Shutdown to
Output Low
tDZL(SHDN)
S2 closed, Figure 4,
RL = 500
Ω, CL = 100pF
6µs
Driver Enable to Output High
tDZH
S2 closed, Figure 4,
RL = 500
Ω, CL = 100pF
70
ns
SWITCHING CHARACTERISTICS–MAX13410E (continued)
(VCC = +6.0V to +28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +7.5V, CS = 1µF, and TA = +25°C.) (Note 2)


Similar Part No. - MAX13411EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13411EESA++ MAXIM-MAX13411EESA+ Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13411EESA++ MAXIM-MAX13411EESA+ Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
More results

Similar Description - MAX13411EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13410E MAXIM-MAX13410E Datasheet
320Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 0; 11/07
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
   Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Analog Devices
MAX22025 AD-MAX22025 Datasheet
754Kb / 23P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 8; 3/22
logo
Maxim Integrated Produc...
MAX22025 MAXIM-MAX22025 Datasheet
819Kb / 16P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 2; 11/19
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400_09 Datasheet
943Kb / 46P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com