Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9910EXK-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9910EXK-T
Description  200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9910EXK-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9910EXK-T Datasheet HTML 1Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 2Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 3Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 4Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 5Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9910EXK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
200kHz, 4µA, Rail-to-Rail
I/O Op Amps with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VDD to VSS) ......................-0.3V to +6.0V
IN_+, IN_-, OUT_, SHDN_............... (VSS - 0.3V) to (VDD + 0.3V)
Current into IN_+, IN_- ......................................................
±20mA
Output Short-Circuit Duration to VDD or VSS ..............Continuous
Continuous Power Dissipation (TA = +70
°C)
5-Pin SC70 (derate 3.1mW/
°C above +70°C)............. 247mW
6-Bump WLP (derate 10.5mW/°C above +70°C).........840mW
6-Pin SC70 (derate 3.1mW/
°C above +70°C)............. 245mW
8-Pin SOT23 (derate 9.1mW/
°C above +70°C)........... 727mW
10-Pin µMAX (derate 5.6mW/
°C above +70°C) ...........444mW
Operating Temperature Range .......................... -40
°C to +85°C
Junction Temperature .....................................................+150
°C
Storage Temperature Range ............................-65
°C to +150°C
Lead Temperature (excluding WLP, soldering 10s) ........+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free Packages.............................................+260°C
Packages Containing Lead(Pb)...................................+240°C
ELECTRICAL CHARACTERISTICS
(VDD = 1.8V to 5.5V, VSS = 0V, VCM = 0V, VOUT = VDD / 2, RL =
∞ connected to VDD / 2, SHDN_ = VDD, TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
1.8
5.5
V
VDD = 1.8V
4
MAX9910/MAX9911
VDD = 5.5V
4
5.0
VDD = 1.8V
7
Supply Current
IDD
MAX9912/MAX9913
VDD = 5.5V
7
9
µA
Shutdown Supply Current
IDD(SHDN_)
SHDN_ = GND, MAX9911/MAX9913
0.001
0.5
µA
Input Offset Voltage
VOS
±0.2
±1mV
Input-Offset-Voltage Matching
MAX9912/MAX9913
±250
µV
Input Bias Current
IB
(Note 2)
±1
±10
pA
Input Offset Current
IOS
(Note 2)
±1
±10
pA
Common mode
1
Input Resistance
RIN
Differential mode, -1mV < VIN < +1mV
10
G
Input Common-Mode Range
VCM
Guaranteed by CMRR test
VSS -
0.1
VDD +
0.1
V
Common-Mode Rejection Ratio
CMRR
-0.1V < VCM < VDD + 0.1V, VDD = 5.5V
70
80
dB
Power-Supply Rejection Ratio
PSRR
1.8V < VDD < 5.5V
65
95
dB
25mV < VOUT < VDD - 25mV,
RL = 100k
Ω, VDD = 5.5V
95
120
Open-Loop Gain
AVOL
100mV < VOUT < VDD - 100mV,
RL = 5k
Ω, VDD = 5.5V
95
110
dB
RL = 100k
2.5
5
RL = 5k
50
70
Output-Voltage-Swing High
VOH
VDD - VOUT
RL = 1k
250
mV
RL = 100k
2.5
5
RL = 5k
50
70
Output-Voltage-Swing Low
VOL
VOUT - VSS
RL = 1k
250
mV
Channel-to-Channel Isolation
CHISO
Specified at DC, MAX9912/MAX9913
100
dB
Output Short-Circuit Current
IOUT(SC)
±15
mA


Similar Part No. - MAX9910EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910EXK-T MAXIM-MAX9910EXK-T Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9910EXK-T MAXIM-MAX9910EXK-T Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
More results

Similar Description - MAX9910EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9910 MAXIM-MAX9910 Datasheet
514Kb / 15P
   200kHz, 4關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914 Datasheet
502Kb / 15P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
Rev 1; 10/05
MAX9914 MAXIM-MAX9914_V01 Datasheet
838Kb / 12P
   1MHz, 20關A, Rail-to-Rail I/O Op Amps with Shutdown
2014
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
   SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
   250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com