Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX887EZK28-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX887EZK28-T
Description  Regulators with 2982 Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX887EZK28-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX887EZK28-T Datasheet HTML 2Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 3Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 4Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 5Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 6Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 7Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 8Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 9Page - Maxim Integrated Products MAX887EZK28-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Noise, Low-Dropout, 150mA Linear
Regulators with '2982 Pinout
8
_______________________________________________________________________________________
Stable COUT ESR vs. Load Current is shown in the
Typical Operating Characteristics.
Use a 0.01µF bypass capacitor at BP for low output volt-
age noise. Increasing the capacitance will slightly
decrease the output noise, but increase the start-up time.
Values above 0.1µF provide no performance advantage
and are not recommended (see Shutdown Exit Delay
graphs in the Typical Operating Characteristics).
PSRR and Operation from
Sources Other than Batteries
The MAX8877/MAX8878 are designed to deliver low
dropout voltages and low quiescent currents in battery-
powered systems. Power-supply rejection is 63dB at
low frequencies and rolls off above 10kHz. See the
Power-Supply Rejection Ratio Frequency graph in the
Typical Operating Characteristics.
When operating from sources other than batteries,
improved supply-noise rejection and transient response
can be achieved by increasing the values of the input
and output bypass capacitors, and through passive fil-
tering techniques. The Typical Operating Charac-
teristics show the MAX8877/MAX8878’s line- and load-
transient responses.
Load-Transient Considerations
The MAX8877/MAX8878 load-transient response
graphs (see Typical Operating Characteristics) show
two components of the output response: a DC shift
from the output impedance due to the load current
change, and the transient response. Typical transient
for a step change in the load current from 0mA to 50mA
is 12mV. Increasing the output capacitor’s value and
decreasing the ESR attenuates the overshoot.
Input-Output (Dropout) Voltage
For output voltage greater than the minimum input volt-
age (2.5V), the regulator’s minimum input-output volt-
age differential (or dropout voltage) determines the
lowest usable supply voltage. In battery-powered sys-
tems, this will determine the useful end-of-life battery
voltage. Because the MAX8877/MAX8878 use a P-
channel MOSFET pass transistor, their dropout voltage
is a function of drain-to-source on-resistance (RDS(ON))
multiplied by the load current (see Typical Operating
Characteristics).
_
Expanded Ordering Information
___________________Chip Information
***Other xy between 1.5V and 5.0V are available in 100mV increments. Contact factory for other versions. Minimum order quantity is 25,000 units.
TRANSISTOR COUNT: 247
SUBSTRATE CONNECTED TO GND
OUTPUT VOLTAGE (xy) CODE
SOT TOP MARK
REGULAR SOT23
THIN SOT23
PRESET
OUTPUT
VOLTAGE (V)
MAX8877
REGULAR
MAX8877
THIN
MAX8878
REGULAR
MAX8878
THIN
MAX887_EUK15-T
MAX887_EZK15-T
1.50
ADRG
AAAA
ADQV
AAAJ
MAX887_EUK18-T
MAX887_EZK18-T
1.80
ADQT
AAAB
ADRH
AAAK
MAX887_EUK25-T
MAX887_EZK25-T
2.50
ACBM
AAAC
ACBT
AAAL
MAX887_EUK28-T
MAX887_EZK28-T
2.80
ACBN
AAAD
ACBU
AAAM
MAX887_EUK29-T
MAX887_EZK29-T
2.84
ACBO
ADPM
ACBV
ADPO
MAX887_EUK30-T
MAX887_EZK30-T
3.00
ACBP
AAAE
ACBW
AAAN
MAX887_EUK32-T
MAX887_EZK32-T
3.15
ACBQ
AAAF
ACBX
AAAO
MAX887_EUK33-T
MAX887_EZK33-T
3.30
ACBR
AAAG
ACBY
AAAP
MAX887_EUK36-T
MAX887_EZK36-T
3.60
ACDB
AAAH
ACDC
AAAQ
MAX887_EUK50-T
MAX887_EZK50-T
5.00
ACBS
AAAI
ACBZ
AAAR
Other xy***
x.y0
——
——


Similar Part No. - MAX887EZK28-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX887EZK28-T MAXIM-MAX887EZK28-T Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
More results

Similar Description - MAX887EZK28-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8877EUK15 MAXIM-MAX8877EUK15 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8878EUK50 MAXIM-MAX8878EUK50 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8877 MAXIM-MAX8877 Datasheet
111Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with ??982 Pinout
logo
Total Power Internation...
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com