Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9016AEKA-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9016AEKA-T
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9016AEKA-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9016AEKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9016AEKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX9015–MAX9020
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX9015–MAX9018 (Single and Duals with REF)
(VCC= 5V, VEE = 0V, VIN- = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................6V
IN+, IN-, INA+, INB+, INA-, INB-,
REF/INA-, REF..................................(VEE - 0.3V) to (VCC + 0.3V)
Output Voltage (OUT_)
MAX9015A, MAX9017_, MAX9019....(VEE - 0.3V) to (VCC + 0.3V)
MAX9016A, MAX9018_, MAX9020...................(VEE - 0.3V) to +6V
Output Current (REF, OUT_, REF/INA-)............................±50mA
Output Short-Circuit Duration (REF, OUT_, REF/INA-) ...........10s
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from the PSRR test
1.8
5.5
V
VCC = 1.8V, TA = +25°C
1.0
1.5
VCC = 5.0V, TA = +25°C
1.1
1.7
MAX9015A/
MAX9016A
VCC = 5.0V,
TA = TMIN to TMAX
2.0
VCC = 1.8V, TA = +25°C
1.2
1.9
VCC = 5.0V, TA = +25°C
1.4
2.3
Supply Current
ICC
MAX9017_/
MAX9018_
VCC = 5.0V,
TA = TMIN to TMAX
2.8
µA
Input Common-Mode
Voltage Range
(MAX9015A/MAX9016A)
VCM
Inferred from VOS test
VEE - 0.2
VCC + 0.2
V
IN+ Voltage Range
(MAX9017_/MAX9018_)
VIN+
Inferred from the output swing test
VEE - 0.2
VCC + 0.2
V
TA = +25°C
0.15
5
Input Offset Voltage
VOS
VEE - 0.2V < VCM <
VCC + 0.2V (Note 2)
TA = TMIN to TMAX
10
mV
Input-Referred Hysteresis
VHB
VEE - 0.2V < VCM < VCC + 0.2V (Note 3)
4
mV
TA = +25°C
±0.15
±1
Input Bias Current (IN+,
IN-, INA+, INB+, INB-)
IB
TA = TMIN to TMAX
±2
nA
Power-Supply Rejection
Ratio
PSRR
VCC = 1.8V to 5.5V
0.1
1
mV/V
TA = +25°C
100
200
VCC = 1.8V,
ISOURCE = 1mA
TA = TMIN to TMAX
300
TA = +25°C
250
350
Output Voltage Swing High
(MAX9015A/MAX9017_)
VCC - VOH
VCC = 5.0V,
ISOURCE = 6mA
TA = TMIN to TMAX
450
mV
TA = +25°C
105
200
VCC = 1.8V,
ISINK = 1mA
TA = TMIN to TMAX
300
TA = +25°C
285
350
Output Voltage Swing Low
(MAX9015A/MAX9016A/
MAX9017_/MAX9018_)
VOL
VCC = 5.0V,
ISINK = 6mA
TA = TMIN to TMAX
450
mV


Similar Part No. - MAX9016AEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9016AEKA-T MAXIM-MAX9016AEKA-T Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9016AEKA-T MAXIM-MAX9016AEKA-T Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
More results

Similar Description - MAX9016AEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com