Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9031 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9031
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9031 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9031 Datasheet HTML 1Page - Maxim Integrated Products MAX9031 Datasheet HTML 2Page - Maxim Integrated Products MAX9031 Datasheet HTML 3Page - Maxim Integrated Products MAX9031 Datasheet HTML 4Page - Maxim Integrated Products MAX9031 Datasheet HTML 5Page - Maxim Integrated Products MAX9031 Datasheet HTML 6Page - Maxim Integrated Products MAX9031 Datasheet HTML 7Page - Maxim Integrated Products MAX9031 Datasheet HTML 8Page - Maxim Integrated Products MAX9031 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MAX9030/MAX9031/MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
6
Maxim Integrated
Detailed Description
The MAX9030/MAX9031/MAX9032/MAX9034 are sin-
gle/dual/quad low-cost comparators. They have an
operating supply voltage from +2.5V to +5.5V when
operating from a single supply and from ±1.25V to
±2.75V when operating from dual power supplies, and
consume only 35µA. Their common-mode input voltage
range extends from the negative supply to within 1.1V
of the positive supply. Internal hysteresis ensures clean
output switching, even with slow-moving input signals.
Shutdown Mode
The MAX9030 comparator comes with a power-saving
shutdown mode. When in shutdown, the supply current
drops from a typical 35µA to 0.05µA, and the outputs
become high impedance. SHDN has a high input imped-
ance and typically draws 0.1µA when connected to VSS
or VDD. A maximum logic low voltage of 0.3V  VDD
applied to SHDN places the device in the shutdown
mode. A minimum logic high voltage of 0.7V  VDD
applied to SHDN will enable normal operation. To dis-
able shutdown, connect SHDN to VDD.
Applications Information
Adding Hysteresis
Hysteresis extends the comparator’s noise margin by
increasing the upper threshold and decreasing the
lower threshold. A voltage-divider from the output of the
comparator sets the trip voltage. Therefore, the trip volt-
age is related to the output voltage.
These comparators have 4mV internal hysteresis.
Additional hysteresis can be generated with two resis-
tors using positive feedback (Figure 1). Use the follow-
ing procedure to calculate resistor values:
Pin Description
PIN
MAX9030
MAX9031
MAX9032
MAX9034
NAME
FUNCTION
1
1
IN+
Comparator Noninverting Input
224
11
VSS
Negative Supply Voltage. Bypass with a 0.1µF capacitor.
3
3
IN-
Comparator Inverting Input
4
4
OUT
Comparator Output
5—
SHDN
Shutdown
658
4
VDD
Positive Supply Voltage. Bypass with a 0.1µF capacitor.
1
1
OUTA
Comparator A Output
2
2
INA-
Comparator A Inverting Input
3
3
INA+
Comparator A Noninverting Input
5
5
INB+
Comparator B Noninverting Input
6
6
INB-
Comparator B Inverting Input
7
7
OUTB
Comparator B Output
8
OUTC
Comparator C Output
9
INC-
Comparator C Inverting Input
10
INC+
Comparator C Noninverting Input
12
IND+
Comparator D Noninverting Input
13
IND-
Comparator D Inverting Input
14
OUTD
Comparator D Output


Similar Part No. - MAX9031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9031 MAXIM-MAX9031 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9031 MAXIM-MAX9031 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9031AUK+T MAXIM-MAX9031AUK+T Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9031AUK-T MAXIM-MAX9031AUK-T Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9031AXK+T MAXIM-MAX9031AXK+T Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
More results

Similar Description - MAX9031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9021 MAXIM-MAX9021 Datasheet
353Kb / 8P
   Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
Rev 1; 7/01
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com