Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8877EUKXY-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8877EUKXY-T
Description  Regulators with 2982 Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8877EUKXY-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8877EUKXY-T Datasheet HTML 2Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 3Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 4Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 5Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 6Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 7Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 8Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 9Page - Maxim Integrated Products MAX8877EUKXY-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
_______________Detailed Description
The MAX8877/MAX8878 are low-noise, low-dropout,
low-quiescent-current linear regulators designed pri-
marily for battery-powered applications. The parts are
available with preset output voltages ranging from 1.5V
to 5V, in 100mV increments. These devices can supply
loads up to 150mA. As illustrated in Figure 1, the
MAX8877/MAX8878 consist of a 1.25V reference, error
amplifier, P-channel pass transistor, and internal feed-
back voltage divider.
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares
this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, which allows more current to pass to the output
and increases the output voltage. If the feedback volt-
age is too high, the pass-transistor gate is pulled up,
allowing less current to pass to the output. The output
voltage is fed back through an internal resistor voltage
divider connected to the OUT pin.
An external bypass capacitor connected to the BP pin
reduces noise at the output. Additional blocks include a
current limiter, reverse battery protection, thermal sen-
sor, and shutdown logic. The MAX8878 also includes
an auto-discharge function, which actively discharges
the output voltage to ground when the device is placed
in shutdown mode.
Low-Noise, Low-Dropout, 150mA Linear
Regulators with '2982 Pinout
6
_______________________________________________________________________________________
SHUTDOWN
AND
POWER-ON
CONTROL
ERROR
AMP
1.25V
REF
P
N
*
OUT
BP
* AUTO-DISCHARGE, MAX8878 ONLY
GND
IN
SHDN
MAX8877
MAX8878
MOS DRIVER
WITH ILIMIT
THERMAL
SENSOR
REVERSE
BATTERY
PROTECTION
Figure 1. Functional Diagram
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1IN
Regulator Input. Supply voltage can range from 2.5V to 6.5V. Bypass with a 1
µF capacitor to GND
(see Capacitor Selection and Regulator Stability section).
2
GND
Ground. This pin also functions as a heatsink. Solder to a large pad or the circuit-board ground
plane to maximize power dissipation.
3
SHDN
Active-Low Shutdown Input. A logic low reduces the supply current to 10nA. On the MAX8878, a
logic low also causes the output voltage to discharge to GND. Connect to IN for normal operation.
4BP
Reference-Noise Bypass. Bypass with a low-leakage, 0.01
µF ceramic capacitor for reduced noise at
the output.
5
OUT
Regulator Output. Sources up to 150mA. Bypass with a 1
µF (<0.2Ω typical ESR) capacitor to GND
for VOUT
≥ 2.5V and 3.3µF for VOUT < 2.5V.


Similar Part No. - MAX8877EUKXY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8877EUKXY-T MAXIM-MAX8877EUKXY-T Datasheet
111Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with ??982 Pinout
More results

Similar Description - MAX8877EUKXY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8877EUK15 MAXIM-MAX8877EUK15 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8878EUK50 MAXIM-MAX8878EUK50 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8877 MAXIM-MAX8877 Datasheet
111Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with ??982 Pinout
logo
Total Power Internation...
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com