Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L12836EZNI10G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L12836EZNI10G
Description  128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L12836EZNI10G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L12836EZNI10G Datasheet HTML 3Page - Macronix International MX25L12836EZNI10G Datasheet HTML 4Page - Macronix International MX25L12836EZNI10G Datasheet HTML 5Page - Macronix International MX25L12836EZNI10G Datasheet HTML 6Page - Macronix International MX25L12836EZNI10G Datasheet HTML 7Page - Macronix International MX25L12836EZNI10G Datasheet HTML 8Page - Macronix International MX25L12836EZNI10G Datasheet HTML 9Page - Macronix International MX25L12836EZNI10G Datasheet HTML 10Page - Macronix International MX25L12836EZNI10G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7
MX25L12836E
7
P/N: PM1514
REV. 1.7, AUG. 01, 2012
Table 1. Additional Features
GENERAL DESCRIPTION
MX25L12836E is 134,217,728 bits serial Flash memory, which is configured as 16,777,216 x 8 internally. When it is
in two or 4 x I/O mode, the structure becomes 67,108,864 bits x 2 or 33,554,432 bits x 4. The MX25L12836E fea-
tures a serial peripheral interface and software protocol allowing operation on a simple 3-wire bus. The three bus
signals are a clock input (SCLK), a serial data input (SI), and a serial data output (SO). Serial access to the device
is enabled by CS# input.
MX25L12836E provides high performance read mode, which may latch address and data on both rising and falling
edge of clock. By using this high performance read mode, the data throughput may be doubling. Moreover, the per-
formance may reach direct code execution, the RAM size of the system may be reduced and further saving system
cost.
MX25L12836E, MXSMIOTM (Serial Multi I/O) flash memory, provides sequential read operation on the whole chip
and multi-I/O features.
When it is in dual I/O mode, the SI pin and SO pin become SIO0 pin and SIO1 pin for data output. When it is in
quad I/O mode, the SI pin, SO pin, WP# pin and NC pin become SIO0 pin, SIO1 pin, SIO2 pin and SIO3 pin for
data Input/Output. Parallel mode is also provided in this device. It features 8 bit input/output for increasing through-
puts. This feature is recommeded to be used for factory production purpose.
After program/erase command is issued, auto program/erase algorithms which program/erase and verify the speci-
fied page or sector/block locations will be executed. Program command is executed on byte basis, or page (256
bytes) basis, or word basis for Continuously Program mode, and erase command is executes on 4K-byte sector,
32K-byte block, 64K-byte block, or whole chip basis.
To provide user with ease of interface, a status register is included to indicate the status of the chip. The status read
command can be issued to detect completion status of a program or erase operation via the WIP bit.
When the device is not in operation and CS# is high, it is put in standby mode and draws less than 100uA DC cur-
rent.
The MX25L12836E utilizes Macronix's proprietary memory cell, which reliably stores memory contents even after
100,000 program and erase cycles.
Additional
Features
Part
Name
Protection and Security
Read Performance
Flexible or
Individual block (or
sector) protection
4K-bit
secured OTP
1 I/O Read (104
MHz)
Dual Read (70
MHz)
Quad Read
(70 MHz)
8 I/O Parallel
Mode
(6 MHz)
MX25L12836E
V
V
V
V
V
V
Additional
Features
Part
Name
Identifier
RES
(command: AB hex)
REMS
(command: 90 hex)
REMS2
(command: EF hex)
REMS4
(command: DF hex)
RDID
(command: 9F hex)
MX25L12836E
17 (hex)
C2 17 (hex)
C2 17 (hex)
C2 17 (hex)
C2 20 18 (hex)


Similar Part No. - MX25L12836EZNI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12833F MCNIX-MX25L12833F Datasheet
1Mb / 90P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
October 17, 2017
MX25L12833FM2I-10G MCNIX-MX25L12833FM2I-10G Datasheet
1Mb / 90P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
October 17, 2017
MX25L12833FMI-10G MCNIX-MX25L12833FMI-10G Datasheet
1Mb / 90P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
October 17, 2017
MX25L12833FMR MCNIX-MX25L12833FMR Datasheet
1Mb / 90P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
October 17, 2017
MX25L12833FZ2I-10G MCNIX-MX25L12833FZ2I-10G Datasheet
1Mb / 90P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO® (SERIAL MULTI I/O) FLASH MEMORY
October 17, 2017
More results

Similar Description - MX25L12836EZNI10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L12855E MCNIX-MX25L12855E Datasheet
3Mb / 70P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12835E MCNIX-MX25L12835E Datasheet
1Mb / 87P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L12865E MCNIX-MX25L12865E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6465E MCNIX-MX25L6465E Datasheet
2Mb / 85P
   64/128M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25735E MCNIX-MX25L25735E Datasheet
1Mb / 71P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6436E MCNIX-MX25L6436E Datasheet
1Mb / 68P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25635E MCNIX-MX25L25635E Datasheet
1Mb / 74P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L25835E MCNIX-MX25L25835E Datasheet
2Mb / 85P
   256M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L6445E MCNIX-MX25L6445E Datasheet
2Mb / 72P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
MX25L1636D MCNIX-MX25L1636D Datasheet
2Mb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIOTM (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com