Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8867EUK29 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8867EUK29
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8867EUK29 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8867EUK29 Datasheet HTML 1Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 2Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 3Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 4Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 5Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 6Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 7Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 8Page - Maxim Integrated Products MAX8867EUK29 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
_______________General Description
The MAX8867/MAX8868 low-noise, low-dropout linear
regulators operate from a 2.5V to 6.5V input and deliver
up to 150mA. Typical output noise for these devices is
just 30µVRMS, and typical dropout is only 165mV at
150mA. The output voltage is preset to voltages in the
range of 2.5V to 5.0V, in 100mV increments. The
MAX8867 and MAX8868 are pin-compatible with the
MAX8863 and MAX8864, except for the BP pin.
Designed with an internal P-channel MOSFET pass tran-
sistor, the MAX8867/MAX8868 maintain a low 100µA
supply current, independent of the load current and
dropout voltage. Other features include a 10nA logic-
controlled shutdown mode, short-circuit and thermal-
shutdown protection, and reverse battery protection.
The MAX8868 also includes an auto-discharge function,
which actively discharges the output voltage to ground
when the device is placed in shutdown. Both devices
come in regular and thin 5-pin SOT23 packages.
________________________Applications
Cellular Telephones
Modems
Cordless Telephones
Hand-Held Instruments
PCS Telephones
Palmtop Computers
PCMCIA Cards
Electronic Planners
____________________________Features
o Low Output Noise: 30µVRMS
o Low 55mV Dropout at 50mA Output
(165mV at 150mA output)
o Low 85µA No-Load Supply Current
o Low 100µA Operating Supply Current
(Even In Dropout)
o Thermal-Overload and Short-Circuit Protection
o Reverse Battery Protection
o Output Current Limit
o Preset Output Voltages (±1.4% Accuracy)
o 10nA Logic-Controlled Shutdown
Low-Noise, Low-Dropout,
150mA Linear Regulators in SOT23
________________________________________________________________ Maxim Integrated Products
1
GND
OUT
IN
15
BP
SHDN
MAX8867
MAX8868
SOT23-5
TOP VIEW
2
34
__________________Pin Configuration
19-1302; Rev 3; 7/02
MAX8867
MAX8868
INPUT
2.5V TO 6.5V
IN
OUT
SHDN
CBP
0.01
µF
COUT
1
µF
CIN
1
µF
OFF
ON
BP
GND
OUTPUT
PRESET
2.5V TO 5.0V
150mA
__________Typical Operating Circuit
_________________Ordering Information
*Dice are tested at TA = +25°C only.
**xy is the output voltage code (see Expanded Ordering
Information table at end of data sheet).
PART**
TEMP
RANGE
PIN-PACKAGE
MAX8867EUKxy-T
-40
°C to +85°C SOT23-5 Regular
MAX8867EZKxy-T
-40
°C to +85°C SOT23-5 Thin
MAX8867C/Dxy
0
°C to +70°C Dice*
MAX8868EUKxy-T
-40
°C to +85°C SOT23-5 Regular
MAX8868EZKxy-T
-40
°C to +85°C SOT23-5 Thin
MAX8868C/Dxy
0
°C to +70°C Dice*


Similar Part No. - MAX8867EUK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867EUK29-T MAXIM-MAX8867EUK29-T Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
More results

Similar Description - MAX8867EUK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
   Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com