Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L8073EM2I10G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L8073EM2I10G
Description  8M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L8073EM2I10G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L8073EM2I10G Datasheet HTML 4Page - Macronix International MX25L8073EM2I10G Datasheet HTML 5Page - Macronix International MX25L8073EM2I10G Datasheet HTML 6Page - Macronix International MX25L8073EM2I10G Datasheet HTML 7Page - Macronix International MX25L8073EM2I10G Datasheet HTML 8Page - Macronix International MX25L8073EM2I10G Datasheet HTML 9Page - Macronix International MX25L8073EM2I10G Datasheet HTML 10Page - Macronix International MX25L8073EM2I10G Datasheet HTML 11Page - Macronix International MX25L8073EM2I10G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
MX25L8073E
P/N: PM1911
REV. 1.0, JAN. 18, 2013
5. BLOCK DIAGRAM
Address
Generator
Memory Array
Page Buffer
Y-Decoder
Data
Register
SRAM
Buffer
SI/SIO0
SCLK
SO/SIO1
Clock Generator
State
Machine
Mode
Logic
Sense
Amplifier
HV
Generator
Output
Buffer
CS#
SIO2
SIO3


Similar Part No. - MX25L8073EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2C-15G MCNIX-MX25L8005M2C-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-12G MCNIX-MX25L8005M2I-12G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005M2I-15G MCNIX-MX25L8005M2I-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005MC-15G MCNIX-MX25L8005MC-15G Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
More results

Similar Description - MX25L8073EM2I10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U8033E MCNIX-MX25U8033E Datasheet
1Mb / 70P
   8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25U8035E MCNIX-MX25U8035E Datasheet
1Mb / 81P
   8M-BIT [x 1/x 2/x 4] 1.8V CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25V0805F GENERALPLUS-GPR25V0805F Datasheet
1Mb / 45P
   2.3V-3.6V, 8M-Bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L12845E MCNIX-MX25L12845E_14 Datasheet
1Mb / 74P
   128M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L1603E GENERALPLUS-GPR25L1603E Datasheet
1Mb / 38P
   16M-bit [x 1/x 2/x 4] CMOS MXSMIO (Serial Multi I/O) Flash Memory
logo
Macronix International
MX25L1675E MCNIX-MX25L1675E Datasheet
767Kb / 65P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6435E MCNIX-MX25L6435E Datasheet
1Mb / 89P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L6475E MCNIX-MX25L6475E Datasheet
1Mb / 87P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L1633E MCNIX-MX25L1633E Datasheet
1Mb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS MXSMIO??(SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com