Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6724UTD-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6724UTD-T
Description  Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6724UTD-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6724UTD-T Datasheet HTML 1Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 2Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 3Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 4Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 5Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 6Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 7Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 8Page - Maxim Integrated Products MAX6724UTD-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Dual/Triple Ultra-Low-Voltage SOT23 µP
Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC1 = VCC2 = 0.8V to 5.5V, GND = 0, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC to Reset Output Delay
tRD
VCC1 = (VTH1+ 100mV) to (VTH1 - 100mV) or
VCC2 = (VTH2 + 75mV) to (VTH2 - 75mV)
20
µs
D1
1.1
1.65
2.2
D2
8.8
13.2
17.6
D3
140
210
280
D5
280
420
560
D6
560
840
1120
Reset Timeout Period
tRP
D4
1120
1680
2240
ms
ADJUSTABLE RESET COMPARATOR INPUT (MAX6719/MAX6720/MAX6723–MAX6727)
RSTIN Input Threshold
VRSTIN
611
626.5
642
mV
RSTIN Input Current
IRSTIN
-25
+25
nA
RSTIN Hysteresis
3mV
RSTIN to Reset Output Delay
tRSTIND
VRSTIN to (VRSTIN - 30mV)
22
µs
POWER-FAIL INPUT (MAX6728/MAX6729)
PFI Input Threshold
VPFI
611
626.5
642
mV
PFI Input Current
IPFI
-25
+25
nA
PFI Hysteresis
VPFH
3mV
PFI to PFO Delay
tDPF
(VPFI + 30mV) to (VPFI - 30mV)
2
µs
MANUAL RESET INPUT (MAX6715–MAX6722/MAX6725–MAX6729)
VIL
0.3
VCC1
MR Input Voltage
VIH
0.7
VCC1
V
MR Minimum Pulse Width
1µs
MR Glitch Rejection
100
ns
MR to Reset Delay
tMR
200
ns
MR Pullup Resistance
25
50
80
k
WATCHDOG INPUT (MAX6721–MAX6729)
First watchdog period after reset timeout
period
35
54
72
Watchdog Timeout Period
tWD
Normal mode
1.12
1.68
2.24
s
WDI Pulse Width
tWDI
(Note 2)
50
ns
VIL
0.3
VCC1
WDI Input Voltage
VIH
0.7
VCC1
V
WDI Input Current
IWDI
WDI = 0 or VCC1-1
+1
µA


Similar Part No. - MAX6724UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6724 MAXIM-MAX6724 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6724 MAXIM-MAX6724 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6724A MAXIM-MAX6724A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
More results

Similar Description - MAX6724UTD-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6717UKSVD3-T MAXIM-MAX6717UKSVD3-T Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23
Rev 5; 12/05
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com